Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 101 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 101 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 97Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 98Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 99Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 100Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 101Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 102Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 103Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 104Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 117 page
background image
ADAU1772
Data Sheet
Rev. C | Page 100 of 116
MP6 FUNCTION SETTING REGISTER
Address: 0x003E, Reset: 0x11, Name: MODE_MP6
Table 90. Bit Descriptions for MODE_MP6
Bits
Bit Name
Settings
Description
Reset
Access
[4:0]
MODE_MP6_VAL
Sets the function of Pin ADC_SDATA1/CLKOUT/MP6.
0x11
RW
00000
Serial Output 1
00001
Mute ADC0
00010
Mute ADC1
00011
Mute ADC2
00100
Mute ADC3
00101
Mute ADC0 and ADC1
00110
Mute ADC2 and ADC3
00111
Mute all ADCs
01000
Mute DAC0
01001
Mute DAC1
01010
Mute both DACs
01011
A/B bank switch
01100
Reserved
01101
Reserved
01110
Enable compression
01111
DSP bypass enable
10000
Push-button volume up
10001
Push-button volume down
10010
Clock output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com