Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 103 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 103 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 99Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 100Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 101Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 102Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 103Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 104Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 105Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 106Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 107Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 117 page
background image
ADAU1772
Data Sheet
Rev. C | Page 102 of 116
PUSH-BUTTON VOLUME CONTROL ASSIGNMENT REGISTER
Address: 0x0040, Reset: 0x87, Name: PB_VOL_CONV
Table 92. Bit Descriptions for PB_VOL_CONV
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
GAINSTEP
Sets the gain step for each press of the volume control button.
0x2
RW
00
0.375 dB/press
01
1.5 dB/press
10
3.0 dB/press
11
4.5 dB/press
[5:3]
RAMPSPEED
Sets the speed in dB/sec at which the volume control ramps when a
button is pressed.
0x0
RW
000
60 dB/sec
001
48 dB/sec
010
36 dB/sec
011
30 dB/sec
100
24 dB/sec
101
18 dB/sec
110
12 dB/sec
111
6 dB/sec
[2:0]
PB_VOL_CONV_VAL
Converters controlled by push-button volume. The push-button volume
control is enabled when these bits are set to something other than the
default setting (111). When set to 111, the push-button volume is
disabled and the converter volumes are set by the ADCx_VOLUME and
DACx_VOLUME registers.
0x7
RW
000
ADC0 and ADC1
001
ADC2 and ADC3
010
All ADCs
011
DAC0 and DAC1
100
DAC0
101
DAC1
110
Reserved
111
None (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com