Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 102 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 102 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 98Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 99Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 100Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 101Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 102Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 103Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 104Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 105Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 117 page
background image
Data Sheet
ADAU1772
Rev. C | Page 101 of 116
PUSH-BUTTON VOLUME SETTINGS REGISTER
Address: 0x003F, Reset: 0x00, Name: PB_VOL_SET
This register must be written before Bits PB_VOL_CONV_VAL are set to something other than the default value. Otherwise, the push-
button volume control is initialized to −96 dB.
Table 91. Bit Descriptions for PB_VOL_SET
Bits
Bit Name
Settings
Description
Reset
Access
[7:3]
PB_VOL_INIT_VAL
Sets the initial volume of the push-button volume control. Each increment of
this register attenuates the level by 1.5 dB, from 0 dB to −46.5 dB.
0x00
RW
00000
0.0 dB
00001
−1.5 dB
11111
−46.5 dB
[2:0]
HOLD
Sets the length of time that the button is held before the volume ramp
begins.
0x0
RW
000
150 ms
001
300 ms
010
450 ms
011
600 ms
100
900 ms
101
1200 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com