Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1772BCPZ-R7 Datasheet(PDF) 104 Page - Analog Devices

Part # ADAU1772BCPZ-R7
Description  Four ADC, Two DAC Low Power Codec
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1772BCPZ-R7 Datasheet(HTML) 104 Page - Analog Devices

Back Button ADAU1772BCPZ-R7 Datasheet HTML 100Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 101Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 102Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 103Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 104Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 105Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 106Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 107Page - Analog Devices ADAU1772BCPZ-R7 Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 117 page
background image
Data Sheet
ADAU1772
Rev. C | Page 103 of 116
DEBOUNCE MODES REGISTER
Address: 0x0041, Reset: 0x05, Name: DEBOUNCE_MODE
Table 93. Bit Descriptions for DEBOUNCE_MODE
Bits
Bit Name
Settings
Description
Reset
Access
[2:0]
DEBOUNCE
The debounce time setting for the MPx inputs.
0x5
RW
000
Debounce 300 µs
001
Debounce 600 µs
010
Debounce 900 µs
011
Debounce 5 ms
100
Debounce 10 ms
101
Debounce 20 ms
110
Debounce 40 ms
111
No debounce
HEADPHONE LINE OUTPUT SELECT REGISTER
Address: 0x0043, Reset: 0x0F, Name: OP_STAGE_CTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com