Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 26Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 28Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 77 page
background image
Data Sheet
ADAU1961
Rev. A | Page 25 of 76
PLL
The PLL uses the MCLK as a reference to generate the core
clock. PLL settings are set in Register R1 (PLL control register,
Address 0x4002). Depending on the MCLK frequency, the PLL
must be set for either integer or fractional mode. The PLL can
accept input frequencies in the range of 8 MHz to 27 MHz.
All six bytes in the PLL control register must be written with a
single continuous write to the control port.
MCLK
÷ X
× (R + N/M)
TO PLL
CLOCK DIVIDER
Figure 30. PLL Block Diagram
Integer Mode
Integer mode is used when the MCLK is an integer (R) multiple
of the PLL output (1024 × fS).
For example, if MCLK = 12.288 MHz and fS = 48 kHz, then
PLL required output = 1024 × 48 kHz = 49.152 MHz
R = 49.152 MHz/12.288 MHz = 4
In integer mode, the values set for N and M are ignored.
Fractional Mode
Fractional mode is used when the MCLK is a fractional
(R + (N/M)) multiple of the PLL output.
For example, if MCLK = 12 MHz and fS = 48 kHz, then
PLL required output = 1024 × 48 kHz = 49.152 MHz
R + (N/M) = 49.152 MHz/12 MHz = 4 + (12/125)
Common fractional PLL parameter settings for 44.1 kHz and
48 kHz sampling rates can be found in Table 15 and Table 16.
The PLL outputs a clock in the range of 41 MHz to 54 MHz,
which should be taken into account when calculating PLL
values and MCLK frequencies.
Table 14. PLL Control Register (Register R1, Address 0x4002)
Bits
Bit Name
Description
[47:32]
M[15:0]
Denominator of the fractional PLL: 16-bit binary number
0x00FD: M = 253 (default)
[31:16]
N[15:0]
Numerator of the fractional PLL: 16-bit binary number
0x000C: N = 12 (default)
[14:11]
R[3:0]
Integer part of PLL: four bits, only values 2 to 8 are valid
0010: R = 2 (default)
0011: R = 3
0100: R = 4
0101: R = 5
0110: R = 6
0111: R = 7
1000: R = 8
[10:9]
X[1:0]
PLL input clock divider
00: X = 1 (default)
01: X = 2
10: X = 3
11: X = 4
8
Type
PLL operation mode
0: Integer (default)
1: Fractional
1
Lock
PLL lock (read-only bit)
0: PLL unlocked (default)
1: PLL locked
0
PLLEN
PLL enable
0: PLL disabled (default)
1: PLL enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com