Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 69 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 65Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 66Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 67Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 68Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 69Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 70Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 71Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 72Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 77 page
background image
ADAU1961
Data Sheet
Rev. A | Page 68 of 76
R40: Control Port Pad Control 0, 16,431 (0x402F)
The optional pull-up/pull-down resistors are nominally 250 kΩ. When enabled, these pull-up/pull-down resistors set the control port
signals to a defined state when the signal source becomes three-state.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CDATP[1:0]
CLCHP[1:0]
SCLP[1:0]
SDAP[1:0]
Table 65. Control Port Pad Control 0 Register
R41: Control Port Pad Control 1, 16,432 (0x4030)
With IOVDD set to 3.3 V, the low and high drive strengths of the SDA/COUT pin are approximately 2.0 mA and 4.0 mA, respectively.
The high drive strength mode may be useful for generating a stronger ACK pulse in I2C mode, if needed.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
SDASTR
Table 66. Control Port Pad Control 1 Register
Bits
Bit Name
Description
[7:6]
CDATP[1:0]
CDATA pad pull-up/pull-down configuration.
Setting
Configuration
00
Pull-up
01
Reserved
10
None (default)
11
Pull-down
[5:4]
CLCHP[1:0]
CLATCH pad pull-up/pull-down configuration.
Setting
Configuration
00
Pull-up
01
Reserved
10
None (default)
11
Pull-down
[3:2]
SCLP[1:0]
SCL/CCLK pad pull-up/pull-down configuration.
Setting
Configuration
00
Pull-up
01
Reserved
10
None (default)
11
Pull-down
[1:0]
SDAP[1:0]
SDA/COUT pad pull-up/pull-down configuration.
Setting
Configuration
00
Pull-up
01
Reserved
10
None (default)
11
Pull-down
Bits
Bit Name
Description
0
SDASTR
SDA/COUT pin drive strength.
0 = low (default).
1 = high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com