Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 67 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 63Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 64Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 65Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 66Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 67Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 68Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 69Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 70Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 77 page
background image
ADAU1961
Data Sheet
Rev. A | Page 66 of 76
R36: DAC Control 0, 16,426 (0x402A)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DACMONO[1:0]
DACPOL
Reserved
DEMPH
DACEN[1:0]
Table 61. DAC Control 0 Register
Bits
Bit Name
Description
[7:6]
DACMONO[1:0]
DAC mono mode. The DAC channels can be set to mono mode within the DAC and output on the left
channel, the right channel, or both channels.
Setting
Mono Mode
00
Stereo (default)
01
Left channel in mono mode
10
Right channel in mono mode
11
Both channels in mono mode
5
DACPOL
Invert input polarity of the DACs.
0 = normal (default).
1 = inverted.
2
DEMPH
DAC de-emphasis filter enable. The de-emphasis filter is designed for use with a sampling rate of 44.1 kHz only.
0 = disabled (default).
1 = enabled.
[1:0]
DACEN[1:0]
DAC enable.
Setting
DACs Enabled
00
Both off (default)
01
Left on
10
Right on
11
Both on
R37: DAC Control 1, 16,427 (0x402B)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LDAVOL[7:0]
Table 62. DAC Control 1 Register
Bits
Bit Name
Description
[7:0]
LDAVOL[7:0]
Controls the digital volume attenuation for left channel inputs from the left DAC. Each bit corresponds to a
0.375 dB step with slewing between settings. See Table 71 for a complete list of the volume settings.
Setting
Volume Attenuation
00000000
0 dB (default)
00000001
−0.375 dB
00000010
−0.75 dB
…
…
11111110
−95.25 dB
11111111
−95.625 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com