Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 16Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 17Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 18Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 19Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
Data Sheet
ADAU1961
Rev. A | Page 19 of 76
AVDD
IOVDD
AVDD
DVDDOUT
LINN
RINN
RINP
LINP
JACK
DETECTION
SIGNAL
LAUX
RAUX
+
+
+
AUX RIGHT
AUX LEFT
CM
JACKDET/MICIN
MCLK
ADC_SDATA
DAC_SDATA
LRCLK
BCLK
SERIAL DATA
CM
SYSTEM
CONTROLLER
ADDR1/CDATA
SDA/COUT
SCL/CCLK
ADDR0/CLATCH
MICBIAS
CLOCK
SOURCE
THE INPUT CAPACITOR VALUE DEPENDS ON THE
INPUT IMPEDANCE, WHICH VARIES WITH THE
VOLUME SETTING.
ADAU1961
10µF
10µF
CM
10µF
10µF
10µF
0.1µF
10µF
10µF
0.1µF
0.1µF
9.1pF
0.1µF
FROM VOLTAGE
REGULATOR
(1.8V TO 3.3V)
1kΩ
1kΩ
49.9Ω
1.2nH
VDD
GND
SINGLE-ENDED
ANALOG
MICROPHONE
OUTPUT
VDD
GND
SINGLE-ENDED
ANALOG
MICROPHONE
OUTPUT
LOUTP
LOUTN
LHP
MONOOUT
RHP
ROUTP
ROUTN
CAPLESS
HEADPHONE
OUTPUT
EARPIECE
SPEAKER
EARPIECE
SPEAKER
0.1µF
10µF
+
Figure 26. System Block Diagram with Analog Microphones



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com