Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 50Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 52Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 53Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
Data Sheet
ADAU1961
Rev. A | Page 49 of 76
R7: Record Mixer Right (Mixer 2) Control 1, 16,397 (0x400D)
This register controls the gain boost of the right channel differential PGA input and the gain for the right channel auxiliary input in the
record path. The right channel record mixer is referred to as Mixer 2.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
RDBOOST[1:0]
MX2AUXG[2:0]
Table 32. Record Mixer Right (Mixer 2) Control 1 Register
R8: Left Differential Input Volume Control, 16,398 (0x400E)
This register enables the differential path and sets the volume control for the left differential PGA input.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LDVOL[5:0]
LDMUTE
LDEN
Table 33. Left Differential Input Volume Control Register
Bits
Bit Name
Description
[4:3]
RDBOOST[1:0]
Right channel differential PGA input gain boost, input to Mixer 2. The right differential input uses the RINP
(positive signal) and RINN (negative signal) pins.
Setting
Gain Boost
00
Mute (default)
01
0 dB
10
20 dB
11
Reserved
[2:0]
MX2AUXG[2:0]
Right single-ended auxiliary input gain from the RAUX pin in the record path, input to Mixer 2.
Setting
Auxiliary Input Gain
000
Mute (default)
001
−12 dB
010
−9 dB
011
−6 dB
100
−3 dB
101
0 dB
110
3 dB
111
6 dB
Bits
Bit Name
Description
[7:2]
LDVOL[5:0]
Left channel differential PGA input volume control. The left differential input uses the LINP (positive signal) and
LINN (negative signal) pins. Each step corresponds to a 0.75 dB increase in gain. See Table 69 for a complete list
of the volume settings.
Setting
Volume
000000
−12 dB (default)
000001
−11.25 dB
…
…
010000
0 dB
…
…
111110
34.5 dB
111111
35.25 dB
1
LDMUTE
Left differential input mute control.
0 = mute (default).
1 = unmute.
0
LDEN
Left differential PGA enable. When enabled, the LINP and LINN pins are used as a full differential pair. When
disabled, these two pins are configured as two single-ended inputs with the signals routed around the PGA.
0 = disabled (default).
1 = enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com