Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 65 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 61Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 62Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 63Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 64Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 65Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 66Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 67Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 68Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
ADAU1961
Data Sheet
Rev. A | Page 64 of 76
R31: Playback Line Output Left Volume Control, 16,421 (0x4025)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LOUTVOL[5:0]
LOUTM
LOMODE
Table 56. Playback Line Output Left Volume Control Register
R32: Playback Line Output Right Volume Control, 16,422 (0x4026)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ROUTVOL[5:0]
ROUTM
ROMODE
Table 57. Playback Line Output Right Volume Control Register
Bits
Bit Name
Description
[7:2]
LOUTVOL[5:0]
Line output volume control for left channel, LOUTN and LOUTP outputs. Each 1-bit step corresponds to a 1 dB
increase in volume. See Table 72 for a complete list of the volume settings.
Setting
Volume
000000
−57 dB (default)
…
…
111001
0 dB
…
…
111111
6 dB
1
LOUTM
Line output mute for left channel, LOUTN and LOUTP outputs (active low).
0 = mute.
1 = unmute (default).
0
LOMODE
Line output mode for left channel, LOUTN and LOUTP outputs. These pins can be configured for either line
outputs or headphone outputs. To drive earpiece speakers, set this bit to 1 (headphone output).
0 = line output (default).
1 = headphone output.
Bits
Bit Name
Description
[7:2]
ROUTVOL[5:0]
Line output volume control for right channel, ROUTN and ROUTP outputs. Each 1-bit step corresponds to a 1 dB
increase in volume. See Table 72 for a complete list of the volume settings.
Setting
Volume
000000
−57 dB (default)
…
…
111001
0 dB
…
…
111111
6 dB
1
ROUTM
Line output mute for right channel, ROUTN and ROUTP outputs (active low).
0 = mute.
1 = unmute (default).
0
ROMODE
Line output mode for right channel, ROUTN and ROUTP outputs. These pins can be configured for either line
outputs or headphone outputs. To drive earpiece speakers, set this bit to 1 (headphone output).
0 = line output (default).
1 = headphone output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com