Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 56 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 52Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 53Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 54Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 55Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 56Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 57Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 59Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
Data Sheet
ADAU1961
Rev. A | Page 55 of 76
R16: Serial Port Control 1, 16,406 (0x4016)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BPF[2:0]
ADTDM
DATDM
MSBP
LRDEL[1:0]
Table 41. Serial Port Control 1 Register
Bits
Bit Name
Description
[7:5]
BPF[2:0]
Number of bit clock cycles per LRCLK audio frame.
Setting
Bit Clock Cycles
000
64 (default)
001
32
010
48
011
128
100
256
101
Reserved
110
Reserved
111
Reserved
4
ADTDM
ADC serial audio data channel position in TDM mode.
0 = left first (default).
1 = right first.
3
DATDM
DAC serial audio data channel position in TDM mode.
0 = left first (default).
1 = right first.
2
MSBP
MSB position in the LRCLK frame.
0 = MSB first (default).
1 = LSB first.
[1:0]
LRDEL[1:0]
Data delay from LRCLK edge (in BCLK units).
Setting
Delay (Bit Clock Cycles)
00
1 (default)
01
0
10
8
11
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com