Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 53 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 50Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 52Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 53Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 54Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 55Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 56Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
ADAU1961
Data Sheet
Rev. A | Page 52 of 76
R12: ALC Control 1, 16,402 (0x4012)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ALCHOLD[3:0]
ALCTARG[3:0]
Table 37. ALC Control 1 Register
Bits
Bit Name
Description
[7:4]
ALCHOLD[3:0]
ALC hold time. The ALC hold time is the amount of time that the ALC waits after a decrease in input level before
increasing the gain to achieve the target level. The recommended minimum setting is 21 ms (0011) to prevent
distortion of low frequency signals. The hold time doubles with every 1-bit increase.
Setting
Hold Time
0000
2.67 ms (default)
0001
5.34 ms
0010
10.68 ms
0011
21.36 ms
0100
42.72 ms
0101
85.44 ms
0110
170.88 ms
0111
341.76 ms
1000
683.52 ms
1001
1.367 sec
1010
2.7341 sec
1011
5.4682 sec
1100
10.936 sec
1101
21.873 sec
1110
43.745 sec
1111
87.491 sec
[3:0]
ALCTARG[3:0]
ALC target. The ALC target sets the desired ADC input level. The PGA gain is adjusted by the ALC to reach this
target level. The recommended target level is between −16 dB and −10 dB to accommodate transients without
clipping the ADC.
Setting
ALC Target
0000
−28.5 dB (default)
0001
−27 dB
0010
−25.5 dB
0011
−24 dB
0100
−22.5 dB
0101
−21 dB
0110
−19.5 dB
0111
−18 dB
1000
−16.5 dB
1001
−15 dB
1010
−13.5 dB
1011
−12 dB
1100
−10.5 dB
1101
−9 dB
1110
−7.5 dB
1111
−6 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com