Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 62 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 59Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 60Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 61Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 62Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 63Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 64Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 65Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 77 page
background image
Data Sheet
ADAU1961
Rev. A | Page 61 of 76
R25: Playback Mixer Right (Mixer 4) Control 1, 16,415 (0x401F)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MX4G2[3:0]
MX4G1[3:0]
Table 50. Playback Mixer Right (Mixer 4) Control 1 Register
R26: Playback L/R Mixer Left (Mixer 5) Line Output Control, 16,416 (0x4020)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
MX5G4[1:0]
MX5G3[1:0]
MX5EN
Table 51. Playback L/R Mixer Left (Mixer 5) Line Output Control Register
Bits
Bit Name
Description
[7:4]
MX4G2[3:0]
Bypass gain control. The signal from the right channel record mixer (Mixer 2) bypasses the converters and gain
can be applied before the right playback mixer (Mixer 4).
Setting
Gain
0000
Mute (default)
0001
−15 dB
0010
−12 dB
0011
−9 dB
0100
−6 dB
0101
−3 dB
0110
0 dB
0111
3 dB
1000
6 dB
[3:0]
MX4G1[3:0]
Bypass gain control. The signal from the left channel record mixer (Mixer 1) bypasses the converters and gain
can be applied before the right playback mixer (Mixer 4).
Setting
Gain
0000
Mute (default)
0001
−15 dB
0010
−12 dB
0011
−9 dB
0100
−6 dB
0101
−3 dB
0110
0 dB
0111
3 dB
1000
6 dB
Bits
Bit Name
Description
[4:3]
MX5G4[1:0]
Mixer input gain boost. The signal from the right channel playback mixer (Mixer 4) can be enabled and boosted
in the playback L/R mixer left (Mixer 5).
Setting
Gain Boost
00
Mute (default)
01
0 dB output (−6 dB gain on each of the two inputs)
10
6 dB output (0 dB gain on each of the two inputs)
11
Reserved
[2:1]
MX5G3[1:0]
Mixer input gain boost. The signal from the left channel playback mixer (Mixer 3) can be enabled and boosted in
the playback L/R mixer left (Mixer 5).
Setting
Gain Boost
00
Mute (default)
01
0 dB output (−6 dB gain on each of the two inputs)
10
6 dB output (0 dB gain on each of the two inputs)
11
Reserved
0
MX5EN
Mixer 5 enable.
0 = disabled (default).
1 = enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com