Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 26Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 28Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
ADAU1961
Data Sheet
Rev. A | Page 28 of 76
Analog Microphone Inputs
For microphone inputs, configure the part in either stereo
pseudo-differential mode or stereo full differential mode.
The LINN and LINP pins are the inverting and noninverting
inputs for the left channel, respectively. The RINN and RINP
pins are the inverting and noninverting inputs for the right
channel, respectively.
For a differential microphone input, connect the positive signal
to the noninverting input of the PGA and the negative signal to
the inverting input of the PGA, as shown in Figure 32. The PGA
settings are controlled with Register R8 (left differential input
volume control register, Address 0x400E) and Register R9 (right
differential input volume control register, Address 0x400F). The
PGA must first be enabled by setting the RDEN and LDEN bits.
LEFT
MICROPHONE
LEFT
PGA
LDBOOST[1:0]
MUTE/
0dB/20dB
–12dB TO
+35.25dB
RIGHT
MICROPHONE
RIGHT
PGA
RDBOOST[1:0]
MUTE/
0dB/20dB
–12dB TO
+35.25dB
ADAU1961
LINP
LINN
RINN
MICBIAS
RINP
2kΩ
2kΩ
Figure 32. Stereo Differential Microphone Configuration
The PGA can also be used for single-ended microphone inputs.
Connect LINP and/or RINP to the CM pin. In this configura-
tion, the signal connects to the inverting input of the PGA,
LINN and/or RINN, as shown in Figure 33.
LEFT
MICROPHONE
LEFT
PGA
LDBOOST[1:0]
MUTE/
0dB/20dB
–12dB TO
+35.25dB
RIGHT
MICROPHONE
RIGHT
PGA
RDBOOST[1:0]
MUTE/
0dB/20dB
–12dB TO
+35.25dB
ADAU1961
LINN
LINP
RINP
MICBIAS
RINN
CM
2kΩ
2kΩ
Figure 33. Stereo Single-Ended Microphone Configuration
Analog Line Inputs
Line input signals can be accepted by any analog input. It is
possible to route signals on the RINN, RINP, LINN, and LINP
pins around the differential amplifier to their own amplifier and
to use these pins as single-ended line inputs by disabling the
LDEN and RDEN bits (Bit 0 in Register R8, Address 0x400E,
and Bit 0 in Register R9, Address 0x400F). Figure 34 depicts a
stereo single-ended line input using the RINN and LINN pins.
The LAUX and RAUX pins are single-ended line inputs. They
can be used together as a stereo single-ended auxiliary input, as
shown in Figure 34. These inputs can bypass the input gain
control, mixers, and ADCs to directly connect to the output
playback mixers (see auxiliary bypass in Figure 31).
ADAU1961
–12dB TO +6dB
LINNG[2:0]
LINN
LEFT LINE
INPUT
–12dB TO +6dB
RINNG[2:0]
RINN
RIGHT LINE
INPUT
LAUX
LEFT AUX
INPUT
RAUX
RIGHT AUX
INPUT
AUXILIARY
BYPASS
Figure 34. Stereo Single-Ended Line Input with Stereo Auxiliary Bypass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com