Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 45Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 50Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
Data Sheet
ADAU1961
Rev. A | Page 47 of 76
R5: Record Mixer Left (Mixer 1) Control 1, 16,395 (0x400B)
This register controls the gain boost of the left channel differential PGA input and the gain for the left channel auxiliary input in the
record path. The left channel record mixer is referred to as Mixer 1.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
LDBOOST[1:0]
MX1AUXG[2:0]
Table 30. Record Mixer Left (Mixer 1) Control 1 Register
Bits
Bit Name
Description
[4:3]
LDBOOST[1:0]
Left channel differential PGA input gain boost, input to Mixer 1. The left differential input uses the LINP (positive
signal) and LINN (negative signal) pins.
Setting
Gain Boost
00
Mute (default)
01
0 dB
10
20 dB
11
Reserved
[2:0]
MX1AUXG[2:0]
Left single-ended auxiliary input gain from the LAUX pin in the record path, input to Mixer 1.
Setting
Auxiliary Input Gain
000
Mute (default)
001
−12 dB
010
−9 dB
011
−6 dB
100
−3 dB
101
0 dB
110
3 dB
111
6 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com