Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 68 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 64Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 65Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 66Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 67Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 68Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 69Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 70Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 71Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 77 page
background image
Data Sheet
ADAU1961
Rev. A | Page 67 of 76
R38: DAC Control 2, 16,428 (0x402C)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RDAVOL[7:0]
Table 63. DAC Control 2 Register
R39: Serial Port Pad Control, 16,429 (0x402D)
The optional pull-up/pull-down resistors are nominally 250 kΩ. When enabled, these pull-up/pull-down resistors set the serial port
signals to a defined state when the signal source becomes three-state.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADCSDP[1:0]
DACSDP[1:0]
LRCLKP[1:0]
BCLKP[1:0]
Table 64. Serial Port Pad Control Register
Bits
Bit Name
Description
[7:0]
RDAVOL[7:0]
Controls the digital volume attenuation for right channel inputs from the right DAC. Each bit corresponds to a
0.375 dB step with slewing between settings. See Table 71 for a complete list of the volume settings.
Setting
Volume Attenuation
00000000
0 dB (default)
00000001
−0.375 dB
00000010
−0.75 dB
…
…
11111110
−95.25 dB
11111111
−95.625 dB
Bits
Bit Name
Description
[7:6]
ADCSDP[1:0]
ADC_SDATA pad pull-up/pull-down configuration.
Setting
Configuration
00
Pull-up
01
Reserved
10
None (default)
11
Pull-down
[5:4]
DACSDP[1:0]
DAC_SDATA pad pull-up/pull-down configuration.
Setting
Configuration
00
Pull-up
01
Reserved
10
None (default)
11
Pull-down
[3:2]
LRCLKP[1:0]
LRCLK pad pull-up/pull-down configuration.
Setting
Configuration
00
Pull-up
01
Reserved
10
None (default)
11
Pull-down
[1:0]
BCLKP[1:0]
BCLK pad pull-up/pull-down configuration.
Setting
Configuration
00
Pull-up
01
Reserved
10
None (default)
11
Pull-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com