Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 41Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 42Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 43Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
ADAU1961
Data Sheet
Rev. A | Page 40 of 76
SERIAL DATA INPUT/OUTPUT PORTS
The flexible serial data input and output ports of the ADAU1961
can be set to accept or transmit data in 2-channel format or in a
4-channel TDM stream to interface to external ADCs or DACs.
Data is processed in twos complement, MSB first format. The
left channel data field always precedes the right channel data
field in 2-channel streams. In TDM mode, Slot 0 and Slot 1 are
in the first half of the audio frame, and Slot 2 and Slot 3 are in
the second half of the frame. The serial modes and the position
of the data in the frame are set in Register R15 to Register R18
(serial port and converter control registers, Address 0x4015 to
Address 0x4018).
If the PLL of the ADAU1961 is not used, the serial data clocks
must be synchronous with the ADAU1961 master clock input.
The LRCLK and BCLK pins are used to clock both the serial
input and output ports. The ADAU1961 can be set as the master
or the slave in a system. Because there is only one set of serial
data clocks, the input and output ports must always be both
master or both slave.
Register R15 and Register R16 (serial port control registers,
Address 0x4015 and Address 0x4016) allow control of clock
polarity and data input modes. The valid data formats are I2S,
left-justified, right-justified (24-/20-/18-/16-bit), and TDM. In
all modes except for the right-justified modes, the serial port
inputs an arbitrary number of bits up to a limit of 24. Extra bits
do not cause an error, but they are truncated internally.
The serial port can operate with an arbitrary number of BCLK
transitions in each LRCLK frame. The LRCLK in TDM mode
can be input to the ADAU1961 either as a 50% duty cycle clock
or as a bit-wide pulse.
When the LRCLK is set as a pulse, a 47 pF capacitor should be
connected between the LRCLK pin and ground (see Figure 56).
This capacitor is necessary in both master and slave modes to
properly align the LRCLK signal to the serial data stream.
47pF
LRCLK
ADAU1961
BCLK
Figure 56. LRCLK Capacitor Alignment, TDM Pulse Mode
In TDM mode, the ADAU1961 can be a master for fS up to
48 kHz. Table 23 lists the modes in which the serial output
port can function.
Table 23. Serial Output Port Master/Slave Mode Capabilities
fS
2-Channel Modes (I2S, Left-
Justified, Right-Justified)
4-Channel TDM
48 kHz
Master and slave
Master and slave
96 kHz
Master and slave
Slave
Table 24 describes the proper configurations for standard audio
data formats.
Table 24. Data Format Configurations
Format
LRCLK Polarity (LRPOL)
LRCLK Mode
(LRMOD)
BCLK Polarity
(BPOL)
BCLK Cycles/Audio
Frame (BPF[2:0])
Data Delay from LRCLK
Edge (LRDEL[1:0])
I2S
(see Figure 57)
Frame begins on falling edge
50% duty cycle
Data changes
on falling edge
32 to 64
Delayed from LRCLK edge
by 1 BCLK
Left-Justified (see
Figure 58)
Frame begins on rising edge
50% duty cycle
Data changes
on falling edge
32 to 64
Aligned with LRCLK edge
Right-Justified
(see Figure 59)
Frame begins on rising edge
50% duty cycle
Data changes
on falling edge
32 to 64
Delayed from LRCLK edge
by 8 or 16 BCLKs
TDM with Clock
(see Figure 60)
Frame begins on falling edge
50% duty cycle
Data changes
on falling edge
64 to 128
Delayed from start of word
clock by 1 BCLK
TDM with Pulse
(see Figure 61)
Frame begins on rising edge
Pulse
Data changes
on falling edge
64 to 128
Delayed from start of word
clock by 1 BCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com