Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
Data Sheet
ADAU1961
Rev. A | Page 33 of 76
PLAYBACK SIGNAL PATH
MX3G2[3:0]
MX3AUXG[3:0]
–15dB TO +6dB
MX3LM
–15dB TO +6dB
MX3RM
MX3G1[3:0]
–15dB TO +6dB
RIGHT INPUT MIXER
LEFT DAC
LAUX
LHP
–57dB TO +6dB
LHPVOL[5:0]
RIGHT DAC
LEFT INPUT MIXER
MX4G2[3:0]
MX4AUXG[3:0]
–15dB TO +6dB
MX4LM
–15dB TO +6dB
–57dB TO +6dB
–57dB TO +6dB
MX4RM
MX4G1[3:0]
–15dB TO +6dB
RIGHT INPUT MIXER
LEFT DAC
RAUX
RHPVOL[5:0]
ROUTVOL[5:0]
RHP
ROUTP
ROUTN
MONOOUT
MX6G4[1:0]
MX5G4[1:0]
(MONO MIXER)
MIXER 7
MX7[1:0]
MX6G3[1:0]
–57dB TO +6dB
MONOVOL[5:0]
RIGHT DAC
LEFT INPUT MIXER
MX5G3[1:0]
–57dB TO +6dB
LOUTVOL[5:0]
LOUTP
LOUTN
MIXER 4
(RIGHT
PLAYBACK
MIXER)
MIXER 3
(LEFT
PLAYBACK
MIXER)
MIXER 5
(LEFT L/R
PLAYBACK
MIXER)
MIXER 6
(RIGHT L/R
PLAYBACK
MIXER)
–1
–1
Figure 43. Playback Signal Path
OUTPUT SIGNAL PATHS
The outputs of the ADAU1961 can be configured as a variety of
differential or single-ended outputs. All analog output pins are
capable of driving headphone or earpiece speakers. There are
selectable output paths for stereo signals or a downmixed mono
output. The line outputs can drive a load of at least 10 kΩ or can
be put into HP mode to drive headphones or earpiece speakers.
The analog output pins are biased at AVDD/2.
With a 0 dBFS digital input and AVDD = 3.3 V, the full-scale
output level is 920 mV rms.
Signals are inverted through the mixers and volume controls.
The result of this inversion is that the polarity of the differential
outputs and the headphone outputs is preserved. The single-
ended mono output is inverted. The DACs are noninverting.
Routing Flexibility
The playback path contains five mixers (Mixer 3 to Mixer 7)
that perform the following functions:
•
Mix signals from the record path and the DACs.
•
Mix or swap the left and right channels.
•
Mix a mono signal or generate a common-mode output.
Mixer 3 and Mixer 4 are dedicated to mixing signals from the
record path and the DACs. Each of these two mixers can accept
signals from the left and right DACs, the left and right input
mixers, and the dedicated channel auxiliary input. Signals
coming from the record path can be boosted or cut before the
playback mixer.
For example, the MX4G2[3:0] bits set the gain from the output
of Mixer 2 (right record channel) to the input of Mixer 4, hence
the naming convention.
Signals coming from the DACs have digital volume attenu-
ation controls set in Register R20 (left input digital volume
register, Address 0x401A) and Register R21 (right input digital
volume register, Address 0x401B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com