Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 26Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 28Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
Data Sheet
ADAU1961
Rev. A | Page 29 of 76
Digital Microphone Input
When using a digital microphone connected to the JACKDET/
MICIN pin, the JDFUNC[1:0] bits in Register R2 (Address 0x4008)
must be set to 10 to enable the microphone input and disable
the jack detection function. The ADAU1961 must operate in
master mode and source BCLK to the input clock of the digital
microphone.
The digital microphone signal bypasses record path mixers and
ADCs and is routed directly into the decimation filters. The
digital microphone and ADCs share decimation filters and,
therefore, both cannot be used simultaneously. The digital
microphone input select bit, INSEL, can be set in Register R19
(ADC control register, Address 0x4019). Figure 35 depicts the
digital microphone interface and signal routing.
JDFUNC[1:0]
DIGITAL MICROPHONE
INTERFACE
LEFT
CHANNEL
RIGHT
CHANNEL
TO JACK
DETECTION
CIRCUIT
JACKDET/MICIN
RIGHT
ADC
LEFT
ADC
DECIMATORS
R19: ADC CONTROL
INSEL
R2: DIGITAL MICROPHONE/
JACK DETECTION
CONTROL
Figure 35. Digital Microphone Interface Block Diagram
Microphone Bias
The MICBIAS pin provides a voltage reference for electret analog
microphones. The MICBIAS voltage is set in Register R10
(record microphone bias control register, Address 0x4010). In
this register, the MICBIAS output can be enabled or disabled.
Additional options include high performance operation and a
gain boost. The gain boost provides two different voltage biases:
0.65 × AVDD or 0.90 × AVDD. When enabled, the high perfor-
mance bit increases supply current to the microphone bias
circuit to decrease rms input noise.
The MICBIAS pin can also be used to cleanly supply voltage
to digital microphones or analog microphones with separate
power supply pins.
ANALOG-TO-DIGITAL CONVERTERS
The ADAU1961 uses two 24-bit Σ-Δ analog-to-digital con-
verters (ADCs) with selectable oversampling ratios of 64× or
128× (selected by Bit 3 in Register R17, Address 0x4017).
ADC Full-Scale Level
The full-scale input to the ADCs (0 dBFS) is 1.0 V rms with
AVDD = 3.3 V. This full-scale analog input will output a digital
signal at −1.38 dBFS. This gain offset is built into the ADAU1961
to prevent clipping. The full-scale input level scales linearly with
the level of AVDD.
For single-ended and pseudo-differential signals, the full-scale
value corresponds to the signal level at the pins, 0 dBFS.
The full differential full-scale input level is measured after the
differential amplifier, which corresponds to −6 dBFS at each pin.
Signal levels above the full-scale value cause the ADCs to clip.
Digital ADC Volume Control
The digital ADC volume can be attenuated using Register R20 (left
input digital volume register, Address 0x401A) and Register R21
(right input digital volume register, Address 0x401B).
High-Pass Filter
By default, a high-pass filter is used in the ADC path to remove
dc offsets; this filter can be enabled or disabled in Register R19
(ADC control register, Address 0x4019). At fS = 48 kHz, the
corner frequency of this high-pass filter is 2 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com