Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Audio Codec with Integrated PLL
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 41Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 42Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 43Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 45Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
ADAU1961
Data Sheet
Rev. A | Page 42 of 76
APPLICATIONS INFORMATION
POWER SUPPLY BYPASS CAPACITORS
Each analog and digital power supply pin should be bypassed to
its nearest appropriate ground pin with a single 100 nF capaci-
tor. The connections to each side of the capacitor should be as
short as possible, and the trace should stay on a single layer with
no vias. For maximum effectiveness, locate the capacitor equi-
distant from the power and ground pins or, when equidistant
placement is not possible, slightly closer to the power pin.
Thermal connections to the ground planes should be made
on the far side of the capacitor.
Each supply signal on the board should also be bypassed with a
single bulk capacitor (10 μF to 47 μF).
VDD
GND
TO GND
TO VDD
CAPACITOR
Figure 62. Recommended Power Supply Bypass Capacitor Layout
GSM NOISE FILTER
In mobile phone applications, excessive 217 Hz GSM noise on
the analog supply pins can degrade the audio quality. To avoid
this problem, it is recommended that an L-C filter be used in
series with the bypass capacitors for the AVDD pins. This filter
should consist of a 1.2 nH inductor and a 9.1 pF capacitor in
series between AVDD and ground, as shown in Figure 63.
AVDD
AVDD
0.1µF
0.1µF
9.1pF
1.2nH
10µF
+
Figure 63. GSM Filter on the Analog Supply Pins
GROUNDING
A single ground plane should be used in the application layout.
Components in an analog signal path should be placed away
from digital signals.
EXPOSED PAD PCB DESIGN
The ADAU1961 has an exposed pad on the underside of the
LFCSP. This pad is used to couple the package to the PCB for
heat dissipation when using the outputs to drive earpiece or
headphone loads. When designing a board for the ADAU1961,
special consideration should be given to the following:
•
A copper layer equal in size to the exposed pad should be
on all layers of the board, from top to bottom, and should
connect somewhere to a dedicated copper board layer (see
Figure 64).
•
Vias should be placed to connect all layers of copper,
allowing for efficient heat and energy conductivity. For an
example, see Figure 65, which has nine vias arranged in a
3 inch × 3 inch grid in the pad area.
TOP
POWER
GROUND
BOTTOM
COPPER SQUARES
VIAS
Figure 64. Exposed Pad Layout Example, Side View
Figure 65. Exposed Pad Layout Example, Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com