Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 100Page - STMicroelectronics ST92F120 Datasheet HTML 101Page - STMicroelectronics ST92F120 Datasheet HTML 102Page - STMicroelectronics ST92F120 Datasheet HTML 103Page - STMicroelectronics ST92F120 Datasheet HTML 104Page - STMicroelectronics ST92F120 Datasheet HTML 105Page - STMicroelectronics ST92F120 Datasheet HTML 106Page - STMicroelectronics ST92F120 Datasheet HTML 107Page - STMicroelectronics ST92F120 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 324 page
background image
104/324
ST92F120 - RESET AND CLOCK CONTROL UNIT (RCCU)
7.5 OSCILLATOR CHARACTERISTICS
The on-chip oscillator circuit uses an inverting gate
circuit with tri-state output.
OSCOUT must not be used to drive external cir-
cuits.
When the oscillator is stopped, OSCOUT goes
high impedance.
In Halt mode, set by means of the HALT instruc-
tion, the parallel resistor, R, is disconnected and
the oscillator is disabled, forcing the internal clock,
CLOCK1, to a high level, and OSCOUT to a high
impedance state.
To exit the HALT condition and restart the oscilla-
tor, an external RESET pulse is required, having a
a minimum duration of 20
µs, as illustrated in Fig-
ure 54.
It should be noted that, if the Watchdog function is
enabled, a HALT instruction will not disable the os-
cillator. This to avoid stopping the Watchdog if a
HALT
code is executed in error. When this occurs,
the CPU will be reset when the Watchdog times
out or when an external reset is applied.
Figure 49. Crystal Oscillator
Table 23. RS Crystal Specification
Legend:
C1, C2: Maximum Total Capacitances on pins OSCIN and
OSCOUT (the value includes the external capacitance
tied to the pin plus the parasitic capacitance of the board
and of the device)
Note: The tables are relative to the fundamental quartz
crystal only (not ceramic resonator).
Figure 50. Internal Oscillator Schematic
Figure 51. External Clock
n
OSCIN
OSCOUT
C1
C2
ST9
CRYSTAL CLOCK
VR02116A
1 M
Ω *
*Recommended for oscillator stability
C1=C2
Freq.
33pF
22pF
5 MHz
80 ohm
130 ohm
4 MHz
130 ohm
200 ohm
3 MHz
250 ohm
-
VR02086A
REF
CLOCK
INPUT
BUFFER
OSCIN
OSCOUT
HALT
OSCIN
OSCOUT
CLOCK
INPUT
EXTERNAL CLOCK
VR02116B
ST9
3.3 k
Ω
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com