Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 101Page - STMicroelectronics ST92F120 Datasheet HTML 102Page - STMicroelectronics ST92F120 Datasheet HTML 103Page - STMicroelectronics ST92F120 Datasheet HTML 104Page - STMicroelectronics ST92F120 Datasheet HTML 105Page - STMicroelectronics ST92F120 Datasheet HTML 106Page - STMicroelectronics ST92F120 Datasheet HTML 107Page - STMicroelectronics ST92F120 Datasheet HTML 108Page - STMicroelectronics ST92F120 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 324 page
background image
105/324
ST92F120 - RESET AND CLOCK CONTROL UNIT (RCCU)
CERAMIC RESONATORS
Murata Electronics CERALOCK resonators have been tested with the ST92F120 at 3, 3.68, 4 and 5 MHz.
Some resonators have built-in capacitors (see Table 24).
The test circuit is shown in Figure .
Figure 52. Test Circuit
Table 24 shows the recommended conditions at different frequencies.
Table 24. Obtained Results
Advantages of using ceramic resonators:
CST and CSTCC types have built-in loading ca-
pacitors (those with values shown in parentheses
()).
Rp is always open in the previous table because
there is no need for a parallel resistor with a reso-
nator (it is needed only with a crystal).
Test conditions:
The evaluation conditions are 4.5 to 5.5 V for the
supply voltage and -40° to 105° C for the tempera-
ture range.
Caution:
The above circuit condition is for design reference
only.
Recommended C1, C2 value depends on the cir-
cuit board used.
VDD
C1
C2
OSCIN
CERALOCK
ST92F120
V2
V1
Rp
Rd
OSCOUT
VSS
Freq.
(MHz)
Parts Number
C1 (PF)
C2 (PF)
Rp (Ohm)
Rd (Ohm)
3
CSA3.00MG
30
30
Open
0
CST3.00MGW
(30)
(30)
Open
0
3.68
CSA3.68MG
30
30
Open
0
CST3.68MGW
(30)
(30)
Open
0
CSTCC3.68MG
(15)
(15)
Open
0
4
CSA4.00MG
30
30
Open
0
CST4.00MGW
(30)
(30)
Open
0
CSTCC4.00MG
(15)
(15)
Open
0
5
CSA5.00MG
30
30
Open
0
CST5.00MGW
(30)
(30)
Open
0
CSTCC5.00MG
(15)
(15)
Open
0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com