Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 115 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 111Page - STMicroelectronics ST92F120 Datasheet HTML 112Page - STMicroelectronics ST92F120 Datasheet HTML 113Page - STMicroelectronics ST92F120 Datasheet HTML 114Page - STMicroelectronics ST92F120 Datasheet HTML 115Page - STMicroelectronics ST92F120 Datasheet HTML 116Page - STMicroelectronics ST92F120 Datasheet HTML 117Page - STMicroelectronics ST92F120 Datasheet HTML 118Page - STMicroelectronics ST92F120 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 324 page
background image
115/324
ST92F120 - EXTERNAL MEMORY INTERFACE (EXTMI)
8.3 REGISTER DESCRIPTION
EXTERNAL MEMORY REGISTER 1 (EMR1)
R245 - Read/Write
Register Page: 21
Reset value: 1000 0000 (80h)
Bit 7 = Reserved.
Bit 6 = MC:
Mode Control.
0: AS, DS and RW pins have the standard ST9
meaning.
1: AS pin becomes ALE, Address Load Enable
(AS inverted); Thus Memory Adress, Read/
Write signals are valid whenever a falling edge
of ALE occurs.
DS becomes OEN, Output ENable: it has the
standard ST9 meaning during external read op-
erations, but is forced to “1” during external write
operations.
RW pin becomes WEN, Write ENable: it follows
the standard ST9 DS meaning during external
write operations, but is forced to “1” during ex-
ternal read operations.
Bit 5 = DS2EN:
Data Strobe 2 enable.
0: The DS2 pin is forced to “1” during the whole
memory cycle. In this case, access to upper or
lower memory is controlled by the DS pin.
1: If the lower memory block is addressed, the
DS2 pin follows the standard ST9 DS meaning
(if MC=0) or it becomes OEN (if MC=1). The DS
pin is forced to 1 during the whole memory cy-
cle.
If the upper memory block is used, DS2 is forced
to “1” during the whole memory cycle. The DS
pin behaviour is not modified.
Refer to Figure 57
Bit 4 = ASAF:
Address Strobe as Alternate Func-
tion.
Depending on the device, AS can be either a ded-
icated pin or a port Alternate Function. This bit is
used only in the second case.
0: AS Alternate function disabled.
1: AS Alternate Function enabled.
Bit 2 = ETO:
External toggle.
0: The external memory interface pins (AS, DS,
DS2, RW, Port0, Port1) toggle only if an access
to external memory is performed.
1: When the internal memory protection is dis-
abled (mask option available on some devices
only), the above pins (except DS and DS2 which
never toggle during internal memory accesses)
toggle during both internal and external memory
accesses.
Bit 1 = BSZ:
Bus size.
0: All the I/O ports including the external memory
interface pins use smaller, less noisy output
buffers. This may limit the operation frequency
of the device, unless the clock is slow enough or
sufficient wait states are inserted.
1: All the I/O ports including the external memory
interface pins (AS, DS, DS2, R/W, Port 0, 1) use
larger, more noisy output buffers .
Bit 0 = Reserved.
CAUTION: External memory must be correctly ad-
dressed before and after a write operation on the
EMR1 register. For example, if code is fetched
from external memory using the standard ST9 ex-
ternal memory interface configuration (MC=0),
setting the MC bit will cause the device to behave
unpredictably.
70
x
MC
DS2EN
ASAF
x
ETO
BSZ
X
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com