Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 112Page - STMicroelectronics ST92F120 Datasheet HTML 113Page - STMicroelectronics ST92F120 Datasheet HTML 114Page - STMicroelectronics ST92F120 Datasheet HTML 115Page - STMicroelectronics ST92F120 Datasheet HTML 116Page - STMicroelectronics ST92F120 Datasheet HTML 117Page - STMicroelectronics ST92F120 Datasheet HTML 118Page - STMicroelectronics ST92F120 Datasheet HTML 119Page - STMicroelectronics ST92F120 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 324 page
background image
116/324
ST92F120 - EXTERNAL MEMORY INTERFACE (EXTMI)
EXTERNAL MEMORY INTERFACE REGISTERS (Cont’d)
EXTERNAL MEMORY REGISTER 2 (EMR2)
R246 - Read/Write
Register Page: 21
Reset value: 0001 1111 (1Fh)
Bit 7 = Reserved.
Bit 6 = ENCSR:
Enable Code Segment Register.
This bit affects the ST9 CPU behavior whenever
an interrupt request is issued.
0: The CPU works in original ST9 compatibility
mode concerning stack frame during interrupts.
For the duration of the interrupt service routine,
ISR is used instead of CSR, and the interrupt
stack frame is identical to that of the original
ST9: only the PC and Flags are pushed. This
avoids saving the CSR on the stack in the event
of an interrupt, thus ensuring a faster interrupt
response time. The drawback is that it is not
possible for an interrupt service routine to per-
form inter-segment calls or jumps: these instruc-
tions would update the CSR, which, in this case,
is not used (ISR is used instead). The code seg-
ment size for all interrupt service routines is thus
limited to 64K bytes.
1: If ENCSR is set, ISR is only used to point to the
interrupt vector table and to initialize the CSR at
the beginning of the interrupt service routine: the
old CSR is pushed onto the stack together with
the PC and flags, and CSR is then loaded with
the contents of ISR. In this case, iret will also re-
store CSR from the stack. This approach allows
interrupt service routines to access the entire
4Mbytes of address space; the drawback is that
the interrupt response time is slightly increased,
because of the need to also save CSR on the
stack. Full compatibility with the original ST9 is
lost in this case, because the interrupt stack
frame is different; this difference, however,
should not affect the vast majority of programs.
Bit 5 = DPRREM:
Data Page Registers remapping
0: The locations of the four MMU (Memory Man-
agement Unit) Data Page Registers (DPR0,
DPR1, DPR2 and DPR3) are in page 21.
1: The four MMU Data Page Registers are
swapped with that of the Data Registers of ports
0-3.
Refer to Figure 56
Bit 4 = MEMSEL: Memory Selection.
Caution: Must be kept as it is set in the TestFlash
Boot Code (Reset value is 1)
.
Bits 3:2 = LAS[1:0]:
Lower memory address
strobe stretch.
These two bits contain the number of wait cycles
(from 0 to 3) to add to the System Clock to stretch
AS during external lower memory block accesses
(MSB of 22-bit internal address=0). The reset val-
ue is 3.
70
-
ENCSR DPRREM
MEM
SEL
LAS1
LAS0
UAS1
UAS0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com