Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 124 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 120Page - STMicroelectronics ST92F120 Datasheet HTML 121Page - STMicroelectronics ST92F120 Datasheet HTML 122Page - STMicroelectronics ST92F120 Datasheet HTML 123Page - STMicroelectronics ST92F120 Datasheet HTML 124Page - STMicroelectronics ST92F120 Datasheet HTML 125Page - STMicroelectronics ST92F120 Datasheet HTML 126Page - STMicroelectronics ST92F120 Datasheet HTML 127Page - STMicroelectronics ST92F120 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 324 page
background image
124/324
TIMER/WATCHDOG (WDT)
10 ON-CHIP PERIPHERALS
10.1 TIMER/WATCHDOG (WDT)
Important Note: This chapter is a generic descrip-
tion of the WDT peripheral. However depending
on the ST9 device, some or all of WDT interface
signals described may not be connected to exter-
nal pins. For the list of WDT pins present on the
ST9 device, refer to the device pinout description
in the first section of the data sheet.
10.1.1 Introduction
The Timer/Watchdog (WDT) peripheral consists of
a programmable 16-bit timer and an 8-bit prescal-
er. It can be used, for example, to:
– Generate periodic interrupts
– Measure input signal pulse widths
– Request an interrupt after a set number of events
– Generate an output signal waveform
– Act as a Watchdog timer to monitor system in-
tegrity
The main WDT registers are:
– Control register for the input, output and interrupt
logic blocks (WDTCR)
– 16-bit counter register pair (WDTHR, WDTLR)
– Prescaler register (WDTPR)
The hardware interface consists of up to five sig-
nals:
– WDIN External clock input
– WDOUT Square wave or PWM signal output
– INT0 External interrupt input
– NMI Non-Maskable Interrupt input
– HW0SW1 Hardware/Software Watchdog ena-
ble.
Figure 69. Timer/Watchdog Block Diagram
INT01
INPUT
&
CLOCK CONTROL LOGIC
INEN INMD1 INMD2
WDTPR
8-BIT PRESCALER
WDTRH, WDTRL
16-BIT
INTCLK/4
WDT
OUTMD
WROUT
OUTPUT CONTROL LOGIC
INTERRUPT
CONTROL LOGIC
END OF
COUNT
RESET
TOP LEVEL INTERRUPT REQUEST
OUTEN
MUX
WDOUT1
IAOS
TLIS
INTA0 REQUEST
NMI1
WDGEN
HW0SW11
WDIN1
MUX
DOWNCOUNTER
CLOCK
1Pin not present on some ST9 devices.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com