Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 126 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 122Page - STMicroelectronics ST92F120 Datasheet HTML 123Page - STMicroelectronics ST92F120 Datasheet HTML 124Page - STMicroelectronics ST92F120 Datasheet HTML 125Page - STMicroelectronics ST92F120 Datasheet HTML 126Page - STMicroelectronics ST92F120 Datasheet HTML 127Page - STMicroelectronics ST92F120 Datasheet HTML 128Page - STMicroelectronics ST92F120 Datasheet HTML 129Page - STMicroelectronics ST92F120 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 324 page
background image
126/324
TIMER/WATCHDOG (WDT)
TIMER/WATCHDOG (Cont’d)
10.1.2.7 Gated Input Mode
This mode can be used for pulse width measure-
ment. The Timer is clocked by INTCLK/4, and is
started and stopped by means of the input pin and
the ST_SP bit. When the input pin is high, the Tim-
er counts. When it is low, counting stops. The
maximum input pin frequency is equivalent to
INTCLK/8.
10.1.2.8 Triggerable Input Mode
The Timer (clocked internally by INTCLK/4) is
started by the following sequence:
– setting the Start-Stop bit, followed by
– a High to Low transition on the input pin.
To stop the Timer, reset the ST_SP bit.
10.1.2.9 Retriggerable Input Mode
In this mode, the Timer (clocked internally by
INTCLK/4) is started by setting the ST_SP bit. A
High to Low transition on the input pin causes
counting to restart from the initial value. When the
Timer is stopped (ST_SP bit reset), a High to Low
transition of the input pin has no effect.
10.1.2.10 Timer/Counter Output Modes
Output modes are selected by means of the OUT-
EN (Output Enable) and OUTMD (Output Mode)
bits of the WDTCR register.
No Output Mode
(OUTEN = “0”)
The output is disabled and the corresponding pin
is set high, in order to allow other alternate func-
tions to use the I/O pin.
Square Wave Output Mode
(OUTEN = “1”, OUTMD = “0”)
The Timer outputs a signal with a frequency equal
to half the End of Count repetition rate on the WD-
OUT pin. With an INTCLK frequency of 20MHz,
this allows a square wave signal to be generated
whose period can range from 400ns to 6.7 sec-
onds.
Pulse Width Modulated Output Mode
(OUTEN = “1”, OUTMD = “1”)
The state of the WROUT bit is transferred to the
output pin (WDOUT) at the End of Count, and is
held until the next End of Count condition. The
user can thus generate PWM signals by modifying
the status of the WROUT pin between End of
Count events, based on software counters decre-
mented by the Timer Watchdog interrupt.
10.1.3 Watchdog Timer Operation
This mode is used to detect the occurrence of a
software fault, usually generated by external inter-
ference or by unforeseen logical conditions, which
causes the application program to abandon its
normal sequence of operation. The Watchdog,
when enabled, resets the MCU, unless the pro-
gram executes the correct write sequence before
expiry of the programmed time period. The appli-
cation program must be designed so as to correct-
ly write to the WDTLR Watchdog register at regu-
lar intervals during all phases of normal operation.
10.1.3.1
Hardware
Watchdog/Software
Watchdog
The HW0SW1 pin (when available) selects Hard-
ware Watchdog or Software Watchdog.
If HW0SW1 is held low:
– The Watchdog is enabled by hardware immedi-
ately after an external reset. (Note: Software re-
set or Watchdog reset have no effect on the
Watchdog enable status).
– The initial counter value (FFFFh) cannot be mod-
ified, however software can change the prescaler
value on the fly.
– The WDGEN bit has no effect. (Note: it is not
forced low).
If HW0SW1 is held high, or is not present:
– The Watchdog can be enabled by resetting the
WDGEN bit.
10.1.3.2 Starting the Watchdog
In Watchdog mode the Timer is clocked by
INTCLK/4.
If the Watchdog is software enabled, the time base
must be written in the timer registers before enter-
ing Watchdog mode by resetting the WDGEN bit.
Once reset, this bit cannot be changed by soft-
ware.
If the Watchdog is hardware enabled, the time
base is fixed by the reset value of the registers.
Resetting WDGEN causes the counter to start, re-
gardless of the value of the Start-Stop bit.
In Watchdog mode, only the Prescaler Constant
may be modified.
If the End of Count condition is reached a System
Reset is generated.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com