Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 141 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 137Page - STMicroelectronics ST92F120 Datasheet HTML 138Page - STMicroelectronics ST92F120 Datasheet HTML 139Page - STMicroelectronics ST92F120 Datasheet HTML 140Page - STMicroelectronics ST92F120 Datasheet HTML 141Page - STMicroelectronics ST92F120 Datasheet HTML 142Page - STMicroelectronics ST92F120 Datasheet HTML 143Page - STMicroelectronics ST92F120 Datasheet HTML 144Page - STMicroelectronics ST92F120 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 324 page
background image
141/324
EXTENDED FUNCTION TIMER (EFT)
EXTENDED FUNCTION TIMER (Cont’d)
10.3.3.4 Output Compare
In this section, the index,
i, may be 1 or 2.
This function can be used to control an output
waveform or indicating when a period of time has
elapsed.
When a match is found between the Output Com-
pare register and the free running counter, the out-
put compare function:
– Assigns pins with a programmable value if the
OC
iE bit is set
– Sets a flag in the status register
– Generates an interrupt if enabled
Two 16-bit registers Output Compare Register 1
(OC1R) and Output Compare Register 2 (OC2R)
contain the value to be compared to the free run-
ning counter each timer clock cycle.
These registers are readable and writable and are
not affected by the timer hardware. A reset event
changes the OCiR value to 8000h.
Timing resolution is one count of the free running
counter: (INTCLK/CC[1:0]).
Procedure
To use the output compare function, select the fol-
lowing in the CR2 register:
– Set the OC
iE bit if an output is needed then the
OCMP
i pin is dedicated to the output compare i
function.
– Select the timer clock CC[1:0] (see Table 28).
And select the following in the CR1 register:
– Select the OLVL
i bit to applied to the OCMPi pins
after the match occurs.
– Set the OCIE and EFTIS bit to generate an inter-
rupt if it is needed.
When match is found:
– OCF
i bit is set.
– The OCMP
i pin takes OLVLi bit value (OCMPi
pin latch is forced low during reset and stays low
until valid compares change it to OLVL
i level).
– A timer interrupt is generated if the OCIE bit in
the CR2 register and the EFTIS bit in the CR3
register are set.
Clearing the output compare interrupt request is
done by:
3. Reading the SR register while the OCF
i bit is
set.
4. An access (read or write) to the OC
iLR register.
Note: After a processor write cycle to the OC
iHR
register, the output compare function is inhibited
until the OC
iLR register is also written.
If the OC
iE bit is not set, the OCMPi pin is a gen-
eral I/O port and the OLVL
i bit will not appear
when match is found but an interrupt could be gen-
erated if the OCIE bit is set.
The value in the 16-bit OCiR register and the
OLVL
i bit should be changed after each success-
ful comparison in order to control an output wave-
form or establish a new elapsed timeout.
The OCiR register value required for a specific tim-
ing application can be calculated using the follow-
ing formula:
Where:
∆t
= Desired output compare period (in
seconds)
INTCLK
= Internal clock frequency
CC1-CC0 = Timer clock prescaler
The following procedure is recommended to pre-
vent the OCF
i bit from being set between the time
it is read and the write to the OCiR register:
– Write to the OC
iHR register (further compares
are inhibited).
– Read the SR register (first step of the clearance
of the OCF
i bit, which may be already set).
– Write to the OC
iLR register (enables the output
compare function and clears the OCF
i bit).
MS Byte
LS Byte
OC
iROCiHR
OC
iLR
∆ OCiR = ∆
t * INTCLK
(CC1.CC0)
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com