Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 144 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 140Page - STMicroelectronics ST92F120 Datasheet HTML 141Page - STMicroelectronics ST92F120 Datasheet HTML 142Page - STMicroelectronics ST92F120 Datasheet HTML 143Page - STMicroelectronics ST92F120 Datasheet HTML 144Page - STMicroelectronics ST92F120 Datasheet HTML 145Page - STMicroelectronics ST92F120 Datasheet HTML 146Page - STMicroelectronics ST92F120 Datasheet HTML 147Page - STMicroelectronics ST92F120 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 324 page
background image
144/324
EXTENDED FUNCTION TIMER (EFT)
EXTENDED FUNCTION TIMER (Cont’d)
10.3.3.7 Pulse Width Modulation Mode
Pulse Width Modulation mode enables the gener-
ation of a signal with a frequency and pulse length
determined by the value of the OC1R and OC2R
registers.
The pulse width modulation mode uses the com-
plete Output Compare 1 function plus the OC2R
register.
Procedure
To use pulse width modulation mode select the fol-
lowing in the CR1 register:
– Using the OLVL1 bit, select the level to be ap-
plied to the OCMP1 pin after a successful com-
parison with OC1R register.
– Using the OLVL2 bit, select the level to be ap-
plied to the OCMP1 pin after a successful com-
parison with OC2R register.
And select the following in the CR2 register:
– Set OC1E bit: the OCMP1 pin is then dedicated
to the output compare 1 function.
– Set the PWM bit.
– Select the timer clock CC[1:0] bits (see Table
28).
Load the OC2R register with the value corre-
sponding to the period of the signal.
Load the OC1R register with the value corre-
sponding to the length of the pulse if (OLVL1=0
and OLVL2=1).
If OLVL1=1 and OLVL2=0 the length of the pulse
is the difference between the OC2R and OC1R
registers.
The OCiR register value required for a specific tim-
ing application can be calculated using the follow-
ing formula:
Where:
– t = Desired output compare period (seconds)
– INTCLK = Internal clock frequency
– CC1-CC0 = Timer clock prescaler
The Output Compare 2 event causes the counter
to be initialized to FFFCh (See Figure 82).
Note: After a write instruction to the OC
iHR regis-
ter, the output compare function is inhibited until
the OC
iLR register is also written.
The OCF1 and OCF2 bits cannot be set by hard-
ware in PWM mode therefore the Output Compare
interrupt is inhibited. The Input Capture interrupts
are available.
When the Pulse Width Modulation (PWM) and
One Pulse Mode (OPM) bits are both set, the
PWM mode is the only active one.
Figure 82. Pulse Width Modulation Mode Timing
OC
iR Value =
t * INTCLK
CC[1:0]
- 5
Counter
Counter is reset
to FFFCh
OCMP1 = OLVL2
Counter
= OC2R
OCMP1 = OLVL1
When
When
= OC1R
Pulse Width Modulation cycle
COUNTER
34E2
FFFC FFFD FFFE
2ED0 2ED1 2ED2
34E2
FFFC
OLVL2
OLVL2
OLVL1
OCMP1
compare2
compare1
compare2
Note: OC1R=2ED0h, OC2R=34E2, OLVL1=0, OLVL2= 1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com