Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 147 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 143Page - STMicroelectronics ST92F120 Datasheet HTML 144Page - STMicroelectronics ST92F120 Datasheet HTML 145Page - STMicroelectronics ST92F120 Datasheet HTML 146Page - STMicroelectronics ST92F120 Datasheet HTML 147Page - STMicroelectronics ST92F120 Datasheet HTML 148Page - STMicroelectronics ST92F120 Datasheet HTML 149Page - STMicroelectronics ST92F120 Datasheet HTML 150Page - STMicroelectronics ST92F120 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 324 page
background image
147/324
EXTENDED FUNCTION TIMER (EFT)
EXTENDED FUNCTION TIMER (Cont’d)
10.3.5 Register Description
Each Timer is associated with three control and
one status registers, and with six pairs of data reg-
isters (16-bit values) relating to the two input cap-
tures, the two output compares, the counter and
the alternate counter.
Notes:
1. In the register description on the following pag-
es, register and page numbers are given using the
example of Timer 0. On devices with more than
one timer, refer to the device register map for the
adresses and page numbers.
2. To work correctly with register pairs, it is strong-
ly recommended to use single byte instructions.
Do not use word instructions to access any of the
16-bit registers.
INPUT CAPTURE 1 HIGH REGISTER (IC1HR)
R240 - Read Only
Register Page: 28
Reset Value: Undefined
This is an 8-bit read only register that contains the
high part of the counter value (transferred by the
input capture 1 event).
INPUT CAPTURE 1 LOW REGISTER (IC1LR)
R241 - Read Only
Register Page: 28
Reset Value: Undefined
This is an 8-bit read only register that contains the
low part of the counter value (transferred by the in-
put capture 1 event).
INPUT CAPTURE 2 HIGH REGISTER (IC2HR)
R242 - Read Only
Register Page: 28
Reset Value: Undefined
This is an 8-bit read only register that contains the
high part of the counter value (transferred by the
Input Capture 2 event).
INPUT CAPTURE 2 LOW REGISTER (IC2LR)
R243 - Read Only
Register Page: 28
Reset Value: Undefined
This is an 8-bit read only register that contains the
low part of the counter value (transferred by the In-
put Capture 2 event).
70
MSB
LSB
70
MSB
LSB
70
MSB
LSB
70
MSB
LSB
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com