Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 164 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 164 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 160Page - STMicroelectronics ST92F120 Datasheet HTML 161Page - STMicroelectronics ST92F120 Datasheet HTML 162Page - STMicroelectronics ST92F120 Datasheet HTML 163Page - STMicroelectronics ST92F120 Datasheet HTML 164Page - STMicroelectronics ST92F120 Datasheet HTML 165Page - STMicroelectronics ST92F120 Datasheet HTML 166Page - STMicroelectronics ST92F120 Datasheet HTML 167Page - STMicroelectronics ST92F120 Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 324 page
background image
164/324
MULTIFUNCTION TIMER (MFT)
MULTIFUNCTION TIMER (Cont’d)
10.4.4 Output Pin Assignment
Two external outputs are available when pro-
grammed as Alternate Function Outputs of the I/O
pins.
Two registers Output A Control Register (OACR)
and Output B Control Register (OBCR) define the
driver for the outputs and the actions to be per-
formed.
Each of the two output pins can be driven from any
of the three possible sources:
– Compare Register 0 event logic
– Compare Register 1 event logic
– Overflow/Underflow event logic.
Each of these three sources can cause one of the
following four actions on any of the two outputs:
– Nop
– Set
– Reset
– Toggle
Furthermore an On Chip Event signal can be driv-
en by two of the three sources: the Over/Under-
flow event and Compare 0 event by programming
the CEV bit of the OACR register and the OEV bit
of OBCR register respectively. This signal can be
used internally to synchronise another on-chip pe-
ripheral.
Output Waveforms
Depending on the programming of OACR and OB-
CR, the following example waveforms can be gen-
erated on TxOUTA and TxOUTB pins.
For a configuration where TxOUTA is driven by the
Over/Underflow (OUF) and the Compare 0 event
(CM0), and TxOUTB is driven by the Over/Under-
flow and Compare 1 event (CM1):
OACR is programmed with TxOUTA preset to “0”,
OUF sets TxOUTA, CM0 resets TxOUTA and
CM1 does not affect the output.
OBCR is programmed with TxOUTB preset to “0”,
OUF sets TxOUTB, CM1 resets TxOUTB while
CM0 does not affect the output.
For a configuration where TxOUTA is driven by the
Over/Underflow, by Compare 0 and by Compare
1; TxOUTB is driven by both Compare 0 and Com-
pare 1. OACR is programmed with TxOUTA pre-
set to “0”. OUF toggles Output 0, as do CM0 and
CM1. OBCR is programmed with TxOUTB preset
to “1”. OUF does not affect the output; CM0 resets
TxOUTB and CM1 sets it.
OACR = [101100X0]
OBCR = [111000X0]
T0OUTA
T0OUTB
OUF
COMP1
OUF
COMP1
OUF COMP0 OUF COMP0
OACR = [010101X0]
OBCR = [100011X1]
T0OUTA
T0OUTB
COMP1 COMP1
OUF
OUF
COMP0
COMP0
COMP0
COMP0
COMP1 COMP1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com