Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 165 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 161Page - STMicroelectronics ST92F120 Datasheet HTML 162Page - STMicroelectronics ST92F120 Datasheet HTML 163Page - STMicroelectronics ST92F120 Datasheet HTML 164Page - STMicroelectronics ST92F120 Datasheet HTML 165Page - STMicroelectronics ST92F120 Datasheet HTML 166Page - STMicroelectronics ST92F120 Datasheet HTML 167Page - STMicroelectronics ST92F120 Datasheet HTML 168Page - STMicroelectronics ST92F120 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 324 page
background image
165/324
MULTIFUNCTION TIMER (MFT)
MULTIFUNCTION TIMER (Cont’d)
For a configuration where TxOUTA is driven by the
Over/Underflow and by Compare 0, and TxOUTB
is driven by the Over/Underflow and by Compare
1. OACR is programmed with TxOUTA preset to
“0”. OUF sets TxOUTA while CM0 resets it, and
CM1 has no effect. OBCR is programmed with Tx-
OUTB preset to “1”. OUF toggles TxOUTB, CM1
sets it and CM0 has no effect.
For a configuration where TxOUTA is driven by the
Over/Underflow and by Compare 0, and TxOUTB
is driven by Compare 0 and 1. OACR is pro-
grammed with TxOUTA preset to “0”. OUF sets
TxOUTA, CM0 resets it and CM1 has no effect.
OBCR is programmed with TxOUTB preset to “0”.
OUF has no effect, CM0 sets TxOUTB and CM1
toggles it.
Output Waveform Samples In Biload Mode
TxOUTA is programmed to monitor the two time
intervals, t1 and t2, of the Biload Mode, while Tx-
OUTB is independent of the Over/Underflow and
is driven by the different values of Compare 0 and
Compare 1. OACR is programmed with TxOUTA
preset to “0”. OUF toggles the output and CM0 and
CM1 do not affect TxOUTA. OBCR is programmed
with TxOUTB preset to “0”. OUF has no effect,
while CM1 resets TxOUTB and CM0 sets it.
Depending on the CM1/CM0 values, three differ-
ent sample waveforms have been drawn based on
the above mentioned configuration of OBCR. In
the last case, with a different programmed value of
OBCR, only Compare 0 drives TxOUTB, toggling
the output.
Note (*) Depending on the CMP1R/CMP0R values
OACR = [101100X0]
OBCR = [000111X0]
T0OUTA
T0OUTB
OUF
OUF
COMP0
COMP0
COMP0
COMP0
COMP1
COMP1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com