Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 169 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 169 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 165Page - STMicroelectronics ST92F120 Datasheet HTML 166Page - STMicroelectronics ST92F120 Datasheet HTML 167Page - STMicroelectronics ST92F120 Datasheet HTML 168Page - STMicroelectronics ST92F120 Datasheet HTML 169Page - STMicroelectronics ST92F120 Datasheet HTML 170Page - STMicroelectronics ST92F120 Datasheet HTML 171Page - STMicroelectronics ST92F120 Datasheet HTML 172Page - STMicroelectronics ST92F120 Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 324 page
background image
169/324
MULTIFUNCTION TIMER (MFT)
MULTIFUNCTION TIMER (Cont’d)
CAPTURE LOAD 0 HIGH REGISTER (REG0HR)
R240 - Read/Write
Register Page: 10
Reset value: undefined
This register is used to capture values from the
Up/Down counter or load preset values (MSB).
CAPTURE LOAD 0 LOW REGISTER (REG0LR)
R241 - Read/Write
Register Page: 10
Reset value: undefined
This register is used to capture values from the
Up/Down counter or load preset values (LSB).
CAPTURE LOAD 1 HIGH REGISTER (REG1HR)
R242 - Read/Write
Register Page: 10
Reset value: undefined
This register is used to capture values from the
Up/Down counter or load preset values (MSB).
CAPTURE LOAD 1 LOW REGISTER (REG1LR)
R243 - Read/Write
Register Page: 10
Reset value: undefined
This register is used to capture values from the
Up/Down counter or load preset values (LSB).
COMPARE 0 HIGH REGISTER (CMP0HR)
R244 - Read/Write
Register Page: 10
Reset value: 0000 0000 (00h)
This register is used to store the MSB of the 16-bit
value to be compared to the Up/Down counter
content.
COMPARE 0 LOW REGISTER (CMP0LR)
R245 - Read/Write
Register Page: 10
Reset value: 0000 0000 (00h)
This register is used to store the LSB of the 16-bit
value to be compared to the Up/Down counter
content.
COMPARE 1 HIGH REGISTER (CMP1HR)
R246 - Read/Write
Register Page: 10
Reset value: 0000 0000 (00h)
This register is used to store the MSB of the 16-bit
value to be compared to the Up/Down counter
content.
COMPARE 1 LOW REGISTER (CMP1LR)
R247 - Read/Write
Register Page: 10
Reset value: 0000 0000 (00h)
This register is used to store the LSB of the 16-bit
value to be compared to the Up/Down counter
content.
70
R15
R14
R13
R12
R11
R10
R9
R8
70
R7
R6
R5
R4
R3
R2
R1
R0
70
R15
R14
R13
R12
R11
R10
R9
R8
70
R7
R6
R5
R4
R3
R2
R1
R0
70
R15
R14
R13
R12
R11
R10
R9
R8
70
R7
R6
R5
R4
R3
R2
R1
R0
70
R15
R14
R13
R12
R11
R10
R9
R8
70
R7
R6
R5
R4
R3
R2
R1
R0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com