Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 173 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 173 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 169Page - STMicroelectronics ST92F120 Datasheet HTML 170Page - STMicroelectronics ST92F120 Datasheet HTML 171Page - STMicroelectronics ST92F120 Datasheet HTML 172Page - STMicroelectronics ST92F120 Datasheet HTML 173Page - STMicroelectronics ST92F120 Datasheet HTML 174Page - STMicroelectronics ST92F120 Datasheet HTML 175Page - STMicroelectronics ST92F120 Datasheet HTML 176Page - STMicroelectronics ST92F120 Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 324 page
background image
173/324
MULTIFUNCTION TIMER (MFT)
MULTIFUNCTION TIMER (Cont’d)
OUTPUT A CONTROL REGISTER (OACR)
R252 - Read/Write
Register Page: 10
Reset value: 0000 0000
Bits 7:6 = C0E[0:1]:
COMP0 action bits.
These bits are set and cleared by software. They
configure the action to be performed on the Tx-
OUTA pin when a successful compare of the
CMP0R register occurs. Refer to Table 5 for the
list of actions that can be configured.
Bits 5:4 = C1E[0:1]:
COMP1 action bits.
These bits are set and cleared by software. They
configure the action to be performed on the Tx-
OUTA pin when a successful compare of the
CMP1R register occurs. Refer to Table 5 for the
list of actions that can be configured.
Bits 3:2 = OUE[0:1]:
OVF/UNF action bits.
These bits are set and cleared by software. They
configure the action to be performed on the Tx-
OUTA pin when an Overflow or Underflow of the
U/D counter occurs. Refer to Table 5 for the list of
actions that can be configured.
Table 35. Output A Action Bits
Notes:
– xx stands for C0, C1 or OU.
– Whenever more than one event occurs simulta-
neously, Action bit 0 will be the result of ANDing
Action bit 0 of all simultaneous events and Action
bit 1 will be the result of ANDing Action bit 1 of all
simultaneous events.
Bit 1 = CEV:
On-Chip event on CMP0R.
This bit is set and cleared by software.
0: No action
1: A successful compare on CMP0R activates the
on-chip event signal (a single pulse is generat-
ed)
Bit 0 = OP:
TxOUTA preset value.
This bit is set and cleared by software and by hard-
ware. The value of this bit is the preset value of the
TxOUTA pin. Reading this bit returns the current
state of the TxOUTA pin (useful when it is selected
in toggle mode).
70
C0E0 C0E1 C1E0 C1E1 OUE0 OUE1 CEV 0P
xxE0
xxE1
Action on TxOUTA pin when an xx
event occurs
0
0
Set
0
1
Toggle
1
0
Reset
1
1
NOP
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com