Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 174 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 170Page - STMicroelectronics ST92F120 Datasheet HTML 171Page - STMicroelectronics ST92F120 Datasheet HTML 172Page - STMicroelectronics ST92F120 Datasheet HTML 173Page - STMicroelectronics ST92F120 Datasheet HTML 174Page - STMicroelectronics ST92F120 Datasheet HTML 175Page - STMicroelectronics ST92F120 Datasheet HTML 176Page - STMicroelectronics ST92F120 Datasheet HTML 177Page - STMicroelectronics ST92F120 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 324 page
background image
174/324
MULTIFUNCTION TIMER (MFT)
MULTIFUNCTION TIMER (Cont’d)
OUTPUT B CONTROL REGISTER (OBCR)
R253 - Read/Write
Register Page: 10
Reset value: 0000 0000 (00h)
Bits 7:6 = C0E[0:1]:
COMP0 Action Bits.
These bits are set and cleared by software. They
configure the type of action to be performed on the
TxOUTB output pin when successful compare of
the CMP0R register occurs. Refer to Table 6 for
the list of actions that can be configured.
Bits 5:4 = C0E[0:1]:
COMP1 Action Bits.
These bits are set and cleared by software. They
configure the type of action to be performed on the
TxOUTB output pin when a successful compare of
the CMP1R register occurs. Refer to Table 6 for
the list of actions that can be configured.
Bits 3:2 = OUE[0:1]:
OVF/UNF Action Bits.
These bits are set and cleared by software.They
configure the type of action to be performed on the
TxOUTB output pin when an Overflow or Under-
flow on the U/D counter occurs. Refer to Table 6
for the list of actions that can be configured.
Table 36. Output B Action Bits
Notes:
– xx stands for C0, C1 or OU.
– Whenever more than one event occurs simulta-
neously, Action Bit 0 will be the result of ANDing
Action Bit 0 of all simultaneous events and Action
Bit 1 will be the result of ANDing Action Bit 1 of
all simultaneous events.
Bit 1 = OEV:
On-Chip event on OVF/UNF.
This bit is set and cleared by software.
0: No action
1: An underflow/overflow activates the on-chip
event signal (a single pulse is generated)
Bit 0 = OP:
TxOUTB preset value.
This bit is set and cleared by software and by hard-
ware. The value of this bit is the preset value of the
TxOUTB pin. Reading this bit returns the current
state of the TxOUTB pin (useful when it is selected
in toggle mode).
70
C0E0 C0E1 C1E0 C1E1 OUE0 OUE1 OEV 0P
xxE0
xxE1
Action on the TxOUTB pin when an
xx event occurs
0
0
Set
0
1
Toggle
1
0
Reset
1
1
NOP
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com