Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 195 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 195 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 191Page - STMicroelectronics ST92F120 Datasheet HTML 192Page - STMicroelectronics ST92F120 Datasheet HTML 193Page - STMicroelectronics ST92F120 Datasheet HTML 194Page - STMicroelectronics ST92F120 Datasheet HTML 195Page - STMicroelectronics ST92F120 Datasheet HTML 196Page - STMicroelectronics ST92F120 Datasheet HTML 197Page - STMicroelectronics ST92F120 Datasheet HTML 198Page - STMicroelectronics ST92F120 Datasheet HTML 199Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 324 page
background image
195/324
MULTIPROTOCOL SERIAL COMMUNICATIONS INTERFACE (SCI-M)
MULTIPROTOCOL SERIAL COMMUNICATIONS INTERFACE (Cont’d)
INTERRUPT VECTOR REGISTER (S_IVR)
R244 - Read/Write
Reset value: undefined
Bit 7:3 = V[7:3]:
SCI Interrupt Vector Base Ad-
dress.
User programmable interrupt vector bits for trans-
mitter and receiver.
Bit 2:1 = EV[2:1]:
Encoded Interrupt Source.
Both bits EV2 and EV1 are read only and set by
hardware according to the interrupt source.
Bit 0 = D0: This bit is forced by hardware to 0.
ADDRESS/DATA COMPARE REGISTER (ACR)
R245 - Read/Write
Reset value: undefined
Bit 7:0 = AC[7:0]:
Address/Compare Character.
With either 9th bit address mode, address after
break mode, or character search, the received ad-
dress will be compared to the value stored in this
register. When a valid address matches this regis-
ter content, the Receiver Address Pending bit
(RXAP in the S_ISR register) is set. After the
RXAP bit is set in an addressed mode, all received
data words will be transferred to the Receiver Buff-
er Register.
70
V7
V6
V5
V4
V3
EV2
EV1
0
EV2 EV1
Interrupt source
0
0
Receiver Error (Overrun, Framing, Parity)
0
1
Break Detect or Address Match
10
Received Data Pending/Receiver DMA
End of Block
11
Transmitter buffer or shift register empty
transmitter DMA End of Block
70
AC7AC6
AC5AC4
AC3AC2
AC1
AC0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com