Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 198 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 198 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 194Page - STMicroelectronics ST92F120 Datasheet HTML 195Page - STMicroelectronics ST92F120 Datasheet HTML 196Page - STMicroelectronics ST92F120 Datasheet HTML 197Page - STMicroelectronics ST92F120 Datasheet HTML 198Page - STMicroelectronics ST92F120 Datasheet HTML 199Page - STMicroelectronics ST92F120 Datasheet HTML 200Page - STMicroelectronics ST92F120 Datasheet HTML 201Page - STMicroelectronics ST92F120 Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 324 page
background image
198/324
MULTIPROTOCOL SERIAL COMMUNICATIONS INTERFACE (SCI-M)
MULTIPROTOCOL SERIAL COMMUNICATIONS INTERFACE (Cont’d)
RECEIVER BUFFER REGISTER (RXBR)
R248 - Read only
Reset value: undefined
Bit 7:0 = RD[7:0]:
Received Data.
This register stores the data portion of the re-
ceived word. The data will be transferred from the
Receiver Shift Register into the Receiver Buffer
Register at the end of the word. All receiver inter-
rupt conditions will be updated at the time of trans-
fer. If the selected character format is less than 8
bits, unused most significant bits will forced to “1”.
Note: RXBR and TXBR are two physically differ-
ent registers located at the same address.
TRANSMITTER BUFFER REGISTER (TXBR)
R248 - Write only
Reset value: undefined
Bit 7:0 = TD[7:0]:
Transmit Data.
The ST9 core will load the data for transmission
into this register. The SCI will transfer the data
from the buffer into the Shift Register when availa-
ble. At the transfer, the Transmitter Buffer Register
interrupt is updated. If the selected word format is
less than 8 bits, the unused most significant bits
are not significant.
Note: TXBR and RXBR are two physically differ-
ent registers located at the same address.
70
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
70
TD7
TD6
TD5
TD4
TD3
TD2
TD1
TD0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com