Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 200 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 200 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 196Page - STMicroelectronics ST92F120 Datasheet HTML 197Page - STMicroelectronics ST92F120 Datasheet HTML 198Page - STMicroelectronics ST92F120 Datasheet HTML 199Page - STMicroelectronics ST92F120 Datasheet HTML 200Page - STMicroelectronics ST92F120 Datasheet HTML 201Page - STMicroelectronics ST92F120 Datasheet HTML 202Page - STMicroelectronics ST92F120 Datasheet HTML 203Page - STMicroelectronics ST92F120 Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 324 page
background image
200/324
MULTIPROTOCOL SERIAL COMMUNICATIONS INTERFACE (SCI-M)
MULTIPROTOCOL SERIAL COMMUNICATIONS INTERFACE (Cont’d)
CHARACTER
CONFIGURATION
REGISTER
(CHCR)
R250 - Read/Write
Reset value: undefined
Bit 7 = AM:
Address Mode.
This bit, together with the AMEN bit (in the IDPR
register), decodes the desired addressing/9th data
bit/character match operation. Please refer to the
table in the IDPR register description.
Bit 6 = EP:
Even Parity.
0: Select odd parity (when parity is enabled).
1: Select even parity (when parity is enabled).
Bit 5 = PEN:
Parity Enable.
0: No parity bit.
1: Parity bit generated (transmit data) or checked
(received data).
Note: If the address/9th bit is enabled, the parity
bit will precede the address/9th bit (the 9th bit is
never included in the parity calculation).
Bit 4 = AB:
Address/9th Bit.
0: No Address/9th bit.
1: Address/9th bit included in the character format
between the parity bit and the first stop bit. This
bit can be used to address the SCI or as a ninth
data bit.
Bit 3:2 = SB[1:0]:
Number of Stop Bits..
Bit 1:0 = WL[1:0]:
Number of Data Bits
70
AM
EP
PEN
AB
SB1
SB0
WL1
WL0
SB1
SB0
Number of stop bits
in 16X mode
in 1X mode
00
1
1
0
1
1.5
2
10
2
2
1
1
2.5
3
WL1
WL0
Data Length
0
0
5 bits
0
1
6 bits
1
0
7 bits
1
1
8 bits
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com