Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 250 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 250 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 246Page - STMicroelectronics ST92F120 Datasheet HTML 247Page - STMicroelectronics ST92F120 Datasheet HTML 248Page - STMicroelectronics ST92F120 Datasheet HTML 249Page - STMicroelectronics ST92F120 Datasheet HTML 250Page - STMicroelectronics ST92F120 Datasheet HTML 251Page - STMicroelectronics ST92F120 Datasheet HTML 252Page - STMicroelectronics ST92F120 Datasheet HTML 253Page - STMicroelectronics ST92F120 Datasheet HTML 254Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 324 page
background image
250/324
J1850 Byte Level Protocol Decoder (JBLPD)
J1850 BYTE LEVEL PROTOCOL DECODER (Cont’d)
Figure 117. Local Loopback structure
10.8.3.8 Peripheral clock management
To work correctly, the encoder and decoder sec-
tions of the peripheral need an internal clock at
1MHz. This clock is used to evaluate the protocol
symbols timings in transmission and in reception.
The prescaled clock is obtained by dividing the
MCU internal clock frequency. The CLKSEL regis-
ter allows the selection of the right prescaling fac-
tor. The six least significant bits of the register
(FREQ[5:0]) must be programmed with a value us-
ing the following formula:
MCU Internal Freq. = 1MHz * (FREQ[5:0] + 1).
Note: If the MCU internal clock frequency is lower
than 1MHz, the JBLPD is not able to work correct-
ly. If a frequency lower than 1MHz is used, the
user program must disable the JBLPD.
Note: When the MCU internal clock frequency or
the clock prescaler factor are changed, the JBLPD
could lose synchronization with the J1850 bus.
Passive state
VPWO from the
peripheral logic
VPWI toward the
J1850 decoder
Polarity
manager
OPTIONS.INPOL
OPTIONS.LOOPB
MCU VPWO
pin
MCU VPWI
pin
JBLPD peripheral
MCU
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com