Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 251 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 251 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 247Page - STMicroelectronics ST92F120 Datasheet HTML 248Page - STMicroelectronics ST92F120 Datasheet HTML 249Page - STMicroelectronics ST92F120 Datasheet HTML 250Page - STMicroelectronics ST92F120 Datasheet HTML 251Page - STMicroelectronics ST92F120 Datasheet HTML 252Page - STMicroelectronics ST92F120 Datasheet HTML 253Page - STMicroelectronics ST92F120 Datasheet HTML 254Page - STMicroelectronics ST92F120 Datasheet HTML 255Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 324 page
background image
251/324
J1850 Byte Level Protocol Decoder (JBLPD)
J1850 BYTE LEVEL PROTOCOL DECODER (Cont’d)
10.8.4 Peripheral Functional Modes
The JBLPD can be programmed in 3 modes, de-
pending on the value of the JE and JDIS bits in the
CONTROL register, as shown in Table 4.
Table 48. JBLPD functional modes
Depending on the mode selected, the JBLPD is
able or unable to transmit or receive messages.
Moreover the power consumption of the peripheral
is affected.
Note: The configuration with both JE and JDIS set
is forbidden.
10.8.4.1 JBLPD Enabled
When the JBLPD is enabled (CONTROL.JE=1), it
is able to transmit and receive messages. Every
feature is available and every register can be writ-
ten.
10.8.4.2 JBLPD Suspended (Low Power Mode)
When the JBLPD is suspended (CONTROL.JE=0
and CONTROL.JDIS=0), all the logic of the
JBLPD is stopped except the decoder logic.
This feature allows a reduction of power consump-
tion when the JBLPD is not used, even if the de-
coder is able to follow the bus traffic. So, at any
time the JBLPD is enabled, it is immediately syn-
chronized with the J1850 bus.
Note: While the JBLPD is suspended, the STA-
TUS register, the ERROR register and the SLP bit
of the PRLR register are forced into their reset val-
ue.
10.8.4.3 JBLPD Disabled (Very Low Power
Mode)
Setting the JDIS bit in the CONTROL register, the
JBLPD is stopped until the bit is reset by software.
Also the J1850 decoder is stopped, so the JBLPD
is no longer synchronized with the bus. When the
bit is reset, the JBLPD will wait for a new idle state
on the J1850 bus. This mode can be used to mini-
mize power consumption when the JBLPD is not
used.
Note: While the JDIS bit is set, the STATUS regis-
ter, the ERROR register, the IMR register and the
SLP, TEOBP and REOBP bits of the PRLR regis-
ter are forced to their reset value.
Note: In order that the JDIS bit is able to reset the
IMR register and the TEOBP and REOBP bits, the
JDIS bit must be left at 1 at least for 6 MCU clock
cycles (3 NOPs).
Note: The JE bit of CONTROL register cannot be
set with the same instruction that reset the JDIS
bit. It can be set only after the JDIS bit is reset.
JE
JDIS
mode
0
1
JBLPD Disabled
0
0
JBLPD Suspended
1
0
JBLPD Enabled
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com