Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 294 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 294 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 290Page - STMicroelectronics ST92F120 Datasheet HTML 291Page - STMicroelectronics ST92F120 Datasheet HTML 292Page - STMicroelectronics ST92F120 Datasheet HTML 293Page - STMicroelectronics ST92F120 Datasheet HTML 294Page - STMicroelectronics ST92F120 Datasheet HTML 295Page - STMicroelectronics ST92F120 Datasheet HTML 296Page - STMicroelectronics ST92F120 Datasheet HTML 297Page - STMicroelectronics ST92F120 Datasheet HTML 298Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 324 page
background image
294/324
ST92F120 - ELECTRICAL CHARACTERISTICS
RCCU CHARACTERISTICS
(VDD = 5V ± 10%, TA = –40°C to +105°C, CLoad = 50pF, fINTCLK = 24MHz, unless otherwise specified)
Note:
(1) Unless otherwise stated, typical data are based on TA= 25°C and VDD= 5V. They are only reported for design guide lines not tested in
production.
RCCU TIMING TABLE
(VDD = 5V ± 10%, TA = –40°C to +105°C, CLoad = 50pF, fINTCLK = 24MHz, unless otherwise specified)
Note:
(1) Unless otherwise stated, typical data are based on TA= 25°C and VDD= 5V. They are only reported for design guide lines not tested in
production.
(2) Depending on the delay between rising edge of RESET pin and the first rising edge of CLOCK1, the value can differ from the typical value
for +/- 1 CLOCK1 cycle.
Legend: Tosc = OSCIN clock periods.
PLL CHARACTERISTICS
(VDD = 5V ± 10%, TA = –40°C to +105°C, CLoad = 50pF, fINTCLK = 24MHz, unless otherwise specified)
Note:
(1) Unless otherwise stated, typical data are based on TA= 25°C and VDD= 5V. They are only reported for design guide lines not tested in
production.
(2) Measured at 24MHz (INTCLK). Guaranteed by Design Characterisation (not tested).
Legend: Tosc = OSCIN clock periods.
Symbol
Parameter
Comment
Value
Unit
Min
Typ (1)
Max
VIHRS
RESET Input High Level
Input Threshold
3.2
V
Input Voltage Range
VDD + 0.3
V
VILRS
RESET Input Low Level
Input Threshold
2.4
V
Input Voltage Range
– 0.3
VHYRS
RESET Input Hysteresis
800
mV
ILKRS
RESET Pin Input Leakage
0V < VIN < VDD
– 1
+ 1
µA
Symbol
Parameter
Comment
Value
Unit
Min
Typ (1)
Max
TFRS
RESET Input Filtered Pulse
50
ns
TNFR
RESET Input Non Filtered
Pulse
20
µs
TRSPH
(2)
RESET Phase duration
20400 x Tosc
µs
TSTR
STOP Restart duration
DIV2 = 0
DIV2 = 1
10200 x Tosc
20400 x Tosc
µs
Symbol
Parameter
Comment
Value
Unit
Min
Typ (1)
Max
FXTL
Crystal Reference Frequency
2
5
MHz
FVCO
VCO Operating Frequency
6
24
MHz
TPLK
Lock-in Time
350 x Tosc
1000 x Tosc
µs
PLL Jitter
0
1200 (2)
ps
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com