Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 296 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 296 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 292Page - STMicroelectronics ST92F120 Datasheet HTML 293Page - STMicroelectronics ST92F120 Datasheet HTML 294Page - STMicroelectronics ST92F120 Datasheet HTML 295Page - STMicroelectronics ST92F120 Datasheet HTML 296Page - STMicroelectronics ST92F120 Datasheet HTML 297Page - STMicroelectronics ST92F120 Datasheet HTML 298Page - STMicroelectronics ST92F120 Datasheet HTML 299Page - STMicroelectronics ST92F120 Datasheet HTML 300Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 324 page
background image
296/324
ST92F120 - ELECTRICAL CHARACTERISTICS
EXTERNAL BUS TIMING TABLE
(VDD = 5V ± 10%, TA = –40°C to +105°C, CLoad = 50pF, fINTCLK = 24MHz, unless otherwise specified)
Note: The value in the left hand column shows the formula used to calculate the timing minimum or maximum from the oscillator clock period,
prescaler value and number of wait cycles inserted.
The values in the right hand two columns show the timing minimum and maximum for an external clock at 24MHz, prescaler value of zero
and zero wait states.
Legend:
Tck = INTCLK period = OSCIN period when OSCIN is not divided by 2;
2 x OSCIN period when OSCIN is divided by 2;
OSCIN period x PLL factor when the PLL is enabled.
TckH = INTCLK high pulse width (normally = Tck/2, except when INTCLK = OSCIN, in which case it is OSCIN high pulse width)
TckL = INTCLK low pulse width (normally = Tck/2, except when INTCLK = OSCIN, in which case it is OSCIN low pulse width)
P = clock prescaling value (=PRS; division factor = 1+P)
Wa = wait cycles on
AS; = max (P, programmed wait cycles in EMR2, requested wait cycles with WAIT)
Wd = wait cycles on
DS; = max (P, programmed wait cycles in WCR, requested wait cycles with WAIT)
N°
Symbol
Parameter
Value (Note)
Unit
Formula
Min
Max
1
TsA (AS)
Address Set-up Time before AS
↑
Tck x Wa+TckH-9
12
ns
2
ThAS (A)
Address Hold Time after AS
↑
TckL-4
17
ns
3
TdAS (DR)
AS
↑ to Data Available (read)
Tck x (Wd+1)+3
45
ns
4
TwAS
AS Low Pulse Width
Tck x Wa+TckH-5
16
ns
5
TdAz (DS)
Address Float to DS
↓
00
ns
6
TwDS
DS Low Pulse Width
Tck x Wd+TckH-5
16
ns
7
TdDSR (DR)
DS
↓ to Data Valid Delay (read)
Tck x Wd+TckH+4
25
ns
8
ThDR (DS)
Data to DS
↑ Hold Time (read)
7
7
ns
9
TdDS (A)
DS
↑ to Address Active Delay
TckL+11
32
ns
10
TdDS (AS)
DS
↑ to AS ↓ Delay
TckL-4
17
ns
11
TsR/W (AS)
RW Set-up Time before AS
↑
Tck x Wa+TckH-17
4
ns
12
TdDSR (R/W)
DS
↑ to RW and Address Not Valid Delay
TckL-1
20
ns
13
TdDW (DSW)
Write Data Valid to DS
↓ Delay
-16
-16
ns
14
TsD(DSW)
Write Data Set-up before DS
↑
Tck x Wd+TckH-16
5
ns
15
ThDS (DW)
Data Hold Time after DS
↑ (write)
TckL-3
18
ns
16
TdA (DR)
Address Valid to Data Valid Delay (read)
Tck x (Wa+Wd+1)+TckH-7
55
ns
17
TdAs (DS)
AS
↑ to DS ↓ Delay
TckL-6
15
ns
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com