Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 306 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 306 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 302Page - STMicroelectronics ST92F120 Datasheet HTML 303Page - STMicroelectronics ST92F120 Datasheet HTML 304Page - STMicroelectronics ST92F120 Datasheet HTML 305Page - STMicroelectronics ST92F120 Datasheet HTML 306Page - STMicroelectronics ST92F120 Datasheet HTML 307Page - STMicroelectronics ST92F120 Datasheet HTML 308Page - STMicroelectronics ST92F120 Datasheet HTML 309Page - STMicroelectronics ST92F120 Datasheet HTML 310Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 324 page
background image
306/324
ST92F120 - ELECTRICAL CHARACTERISTICS
I²C/DDC-BUS TIMING TABLE
(VDD = 5V ± 10%, TA = –40°C to +105°C, CLoad = 50pF, fINTCLK = 24MHz, unless otherwise specified)
Note:
(1) Value guaranteed by design
(2) The device must internally provide a hold time of at least 300 ns for the SDA signal in order to bridge the undefined region of the falling
edge of SCL
(3) The maximum hold time of the START condition has only to be met if the interface does not stretch the low period of SCL signal
Legend:
Tck = INTCLK period = OSCIN period when OSCIN is not divided by 2;
2 x OSCIN period when OSCIN is divided by 2;
OSCIN period x PLL factor when the PLL is enabled.
Cb = total capacitance of one bus line in pF
FREQ[2:0] = Frequency bits value of I²C Own Address Register 2 (I2COAR2)
Symbol
Parameter
Formula
Protocol Specifications
Unit
Standard I²C
Fast I²C
Min
Max
Min
Max
fINTCLK Internal Frequency (Slave Mode)
2.5
2.5
MHz
fSCL
SCL clock frequency
0
100
0
400
kHz
TBUF
Bus free time between a STOP
and START condition
4.7
1.3
µs
THIGH
SCL clock high period
4.0
0.6
µs
TLOW
SCL clock low period
Standard Mode
Fast Mode
THIGH – 3 x Tck
2 x (THIGH – 3 x Tck)
4.7
1.3
µs
THD:STA
Hold time START condition. After this peri-
od, the first clock pulse is generated
TLOW + Tck
4.0
0.6
µs
TSU:STA
Set-up time for a repeated START condi-
tion
TLOW + THIGH –
THD:STA
4.7
0.6
µs
THD:DAT Data hold time
FREQ[2:0] = 000
FREQ[2:0] = 001
FREQ[2:0] = 010
FREQ[2:0] = 011
3 x Tck
4 x Tck
4 x Tck
10 x Tck
0 (1;2)
0 (1;2)
0.9 (1;3) ns
TSU:DAT
Data set-up time
(Without SCL stretching)
TLOW – THD:DAT
250 (1)
100 (1)
ns
Data set-up time
(With SCL stretching)
FREQ[2:0] = 000
FREQ[2:0] = 001
FREQ[2:0] = 010
FREQ[2:0] = 011
7 x Tck
15 x Tck
15 x Tck
31 x Tck
TR
Rise time of both SDA and SCL signals
1000 (1) 20+0.1Cb (1)
ns
TF
Fall time of both SDA and SCL signals
300 (1) 20+0.1Cb(1)
ns
TSU:STO Set-up time for STOP condition
TLOW + THIGH –
THD:STA
4.0
0.6
ns
Cb
Capacitive load for each bus line
400
400
pF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com