Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 310 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 310 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 306Page - STMicroelectronics ST92F120 Datasheet HTML 307Page - STMicroelectronics ST92F120 Datasheet HTML 308Page - STMicroelectronics ST92F120 Datasheet HTML 309Page - STMicroelectronics ST92F120 Datasheet HTML 310Page - STMicroelectronics ST92F120 Datasheet HTML 311Page - STMicroelectronics ST92F120 Datasheet HTML 312Page - STMicroelectronics ST92F120 Datasheet HTML 313Page - STMicroelectronics ST92F120 Datasheet HTML 314Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 324 page
background image
310/324
ST92F120 - ELECTRICAL CHARACTERISTICS
A/D CHANNEL ENABLE TIMING TABLE
(VDD = 5V ± 10%, TA = –40°C to +105°C, CLoad = 50pF, fINTCLK = 24MHz, unless otherwise specified)
Note: The value in the left hand column shows the formula used to calculate the timing minimum or maximum from the oscillator clock period,
standard timer prescaler and counter programmed values.
The value in the right hand two columns show the timing minimum and maximum for an internal clock (INTCLK) at 24MHz.
Legend:
Tck = INTCLK period = OSCIN period when OSCIN is not divided by 2;
2*OSCIN period when OSCIN is divided by 2;
OSCIN period / PLL factor when the PLL is enabled.
n = number of autoscanned channels (1
≤ n ≤ 8)
A/D CHANNEL ENABLE TIMING
N°
Symbol
Parameter
Value (Note)
Unit
Formula
Min.
Max.
1TwEXT
CEn Pulse width
138 x n x Tck
n x 5.75
-
µs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com