Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 311 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 311 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 307Page - STMicroelectronics ST92F120 Datasheet HTML 308Page - STMicroelectronics ST92F120 Datasheet HTML 309Page - STMicroelectronics ST92F120 Datasheet HTML 310Page - STMicroelectronics ST92F120 Datasheet HTML 311Page - STMicroelectronics ST92F120 Datasheet HTML 312Page - STMicroelectronics ST92F120 Datasheet HTML 313Page - STMicroelectronics ST92F120 Datasheet HTML 314Page - STMicroelectronics ST92F120 Datasheet HTML 315Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 324 page
background image
311/324
ST92F120 - ELECTRICAL CHARACTERISTICS
A/D ANALOG SPECIFICATIONS
(VDD = 5V ± 10%, TA = –40°C to +105°C, fINTCLK = 24MHz, unless otherwise specified)
Note:
(1) “1LSBideal” has a value of AVDD/256
(2) Including sample time
(3) This is the internal series resistance before the sampling capacitor
(4) This is a typical expected value, but not a tested production parameter.
If V(i) is the value of the i-th transition level (0
≤ i ≤ 254), the performance of the A/D converter has been evaluated as follows:
OFFSET ERROR= deviation between the actual V(0) and the ideal V(0) (=1/2 LSB)
GAIN ERROR= deviation between the actual V(254) and the ideal V(254) - V(0) (ideal V(254)=AV DD-3/2 LSB)
DNL ERROR= max {[V(i) - V(i-1)]/LSB - 1}
INL ERROR= max {[V(i) - V(0)]/LSB - i}
ABS. ACCURACY= overall max conversion error
(5) Simulated value, to be confirmed by characterisation.
(6) The specified values are guaranteed only if an overload condition occurs on a maximum of 2 non-selected analog input pins and the
absolute sum of input overload currents on all analog input pins does not exceed
±10 mA.
Parameter
Typical
Minimum
Maximum
Units (1)
Notes
Conversion time
138
INTCLK
(2)(6)
Sample time
85
INTCLK
(6)
Power-up time
60
µs
(6)
Resolution
8
8
bits
Monotonicity
GUARANTEED
No missing codes
GUARANTEED
Zero input reading
00
Hex
(6)
Full scale reading
FF
Hex
(6)
Offset error
0.3
0.5
LSBs
(1)(4)(6)
Gain error
0.6
LSBs
(4)(6)
DLE (Diff. Non Linearity error)
0.6
LSBs
(4)(6)
ILE (Int. Non Linearity error)
1.0
LSBs
(4)(6)
TUE (Absolute Accuracy)
–
1.0
1.0
LSBs
(4)(6)
Input Resistance
1.3
0.8
2.7
k
Ω
(3)(5)(6)
Hold Capacitance
1.4
pF
(5)(6)
Input Leakage
±1
µA
(6)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com