Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 314 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 314 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 310Page - STMicroelectronics ST92F120 Datasheet HTML 311Page - STMicroelectronics ST92F120 Datasheet HTML 312Page - STMicroelectronics ST92F120 Datasheet HTML 313Page - STMicroelectronics ST92F120 Datasheet HTML 314Page - STMicroelectronics ST92F120 Datasheet HTML 315Page - STMicroelectronics ST92F120 Datasheet HTML 316Page - STMicroelectronics ST92F120 Datasheet HTML 317Page - STMicroelectronics ST92F120 Datasheet HTML 318Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 324 page
background image
314/324
ST92F120 - DEVICE ORDERING INFORMATION
13 DEVICE ORDERING INFORMATION
Figure 126. Device Types
ST92 F 120 J V 1 Q 6
Temperature Code:
6: -40° C to 85° C
7: -40° C to 105° C
Package Type:
Q: PQFP
Memory Size:
1: 128K
9: 60K
Pin Count:
V: 100 pins
R: 64 pins
Feature 1: JBLPD
No Character: None
J: J1850
ST Sub-family
Version:
F: Flash
ST Family
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com