Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 315 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 315 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 311Page - STMicroelectronics ST92F120 Datasheet HTML 312Page - STMicroelectronics ST92F120 Datasheet HTML 313Page - STMicroelectronics ST92F120 Datasheet HTML 314Page - STMicroelectronics ST92F120 Datasheet HTML 315Page - STMicroelectronics ST92F120 Datasheet HTML 316Page - STMicroelectronics ST92F120 Datasheet HTML 317Page - STMicroelectronics ST92F120 Datasheet HTML 318Page - STMicroelectronics ST92F120 Datasheet HTML 319Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 324 page
background image
315/324
ST92F120 - SUMMARY OF CHANGES
14 SUMMARY OF CHANGES
Rev.
Page Section
Main changes
Date
1.2
Page
1.1
1.2
Added History pages.
Updated ARC, STIM, WUIMU, SPI7, DDC, FEE.SCI replaced ZAD by ADC8
Changed order of on-chip peripheral chapters.
12/01/97
1
4
5
6
7
In phrase "66 (80 ...) I/O bits"; replaced "bits" with "pins".
In phrase "8-bit Analog to Digital..." replaced with "Two 8-bit Analog to Digital..."
Second col. In phrase "In addition, there is an 8 channel..." replaced with "In addi-
tion, there are two 8 channel..."
At the end of the sentence, added: "On QFP80 version, only 10 input channels are
available."
End of second col.
In phrase "Low power Run, Wait for interrupt, and STOP modes are also av." re-
placed with: "Low power Run (SLOW), Wait for Interrupt, low power Wait for inter-
rupt, HALT and STOP modes are also available."
In picture:
. Added in RCCU output signals the new: CLOCK2/8
. Removed from A/D conv. blocks the labels "zad_0" and "zad_1"
. Added in A/D CONV. 1 signals the EXTRG item
replaced INT3:0 by INT 6:0
Same as Page 5.
. Added RWN in the CPU signals (bold/no italic) leaving the italic one
Changed the picture as follow:
. Added in RCCU output signals the new: CLOCK2/8
. Removed from A/D conv. block the labels "zad"
. Duplicated A/D block like at page 5 (same input signals)
replaced INT3:0 by INT 6:0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com