Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120 Datasheet(PDF) 318 Page - STMicroelectronics

Part # ST92F120
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120 Datasheet(HTML) 318 Page - STMicroelectronics

Back Button ST92F120 Datasheet HTML 314Page - STMicroelectronics ST92F120 Datasheet HTML 315Page - STMicroelectronics ST92F120 Datasheet HTML 316Page - STMicroelectronics ST92F120 Datasheet HTML 317Page - STMicroelectronics ST92F120 Datasheet HTML 318Page - STMicroelectronics ST92F120 Datasheet HTML 319Page - STMicroelectronics ST92F120 Datasheet HTML 320Page - STMicroelectronics ST92F120 Datasheet HTML 321Page - STMicroelectronics ST92F120 Datasheet HTML 322Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 324 page
background image
318/324
ST92F120 - SUMMARY OF CHANGES
18
20
21
29
38
50
51
53
54
55
57
63
64
65
86
87
95
226
227
24
26
27
35
44
59
60
62
63
64
65
73
79
80
86
103
104
112
248
249
Replaced ST92E120 with ST92E120/F120
In WAIT FOR INTERRUPT MODE item, removed the sentence:
"Under this mode,... (LP WFI)."
Created a new item: "LOW POWER WAIT FOR INTERRUPT" with the fol-
lowing
description:
"Combining SLOW Mode and Wait For Interrupt mode it is possible to
reduce the power consumption by more than 80%."
Second column: "Watchdog counter ..." sentence rewritten.
At the end of STOP MODE item, added:
"The counter is active only when the oscillation has already taken
place: this means that 1-2 ms must be added to take into account of
the first phase of the oscillator restarting."
- Fig. 10: PAGE REGISTERS: replaced with PAGED REGISTERS
- Second col.
Last sentence "A table of available...": removed.
End of first col."...into four16 Kbytes pages.". Removed space.
End of second col.Chapter 3: cross ref updated
Replaced the Chapter 3 new doc specs Added a register and Section on protection
strategy).
Moved para. on register map to page 63
- A note in the picture added: "RAM addresses are repeated each 4 Kbytes inside
the segment 20h"
- FLASH OTP - 128 bytes: the starting address 210000h
Replaced the address with 211F80h
Same as Page 51
ZAD0 and ZAD1 removed and replaced with "Res."
Added registers for AD0 and AD1:
. AD0 - Page 63(3F) All registers from R240 to R255
. AD1 - Page 61(3D) All registers from R240 to R255
Note removed.
Added detailed register map (7 pages)
Changed table
Changed 2 tables
Changed figure
WUIMU section revised (edited text throughout)
Changed figure: added 16 divider to CK128 input to STIM and P6.0 output with 8
div.
Changed figure: like previous page
Changed values in two tables
Added rows in second table. Changed RESET overbar to RESETN.
1.3
18
112
Changed P2.2 and P2.3 to Pure OD output, no WPU
In Column 2: “I/O pins are set to Bidirectional Weak-Pull-Up or High impedance in-
put. See Table of I/O port alternate functions.
12/16/97
Rev.
Page Section
Main changes
Date
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com