Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 120 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 120 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 116Page - STMicroelectronics L9678P Datasheet HTML 117Page - STMicroelectronics L9678P Datasheet HTML 118Page - STMicroelectronics L9678P Datasheet HTML 119Page - STMicroelectronics L9678P Datasheet HTML 120Page - STMicroelectronics L9678P Datasheet HTML 121Page - STMicroelectronics L9678P Datasheet HTML 122Page - STMicroelectronics L9678P Datasheet HTML 123Page - STMicroelectronics L9678P Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 203 page
background image
Deployment drivers
L9678P, L9678P-S
120/203
DocID029274 Rev 3
The VRCM flags will be given in the LPDIAGSTAT register. The status of the VRCM flags
after FET test is latched and can be cleared upon either LPDIAGREQ or SYSDIAGREQ SPI
commands.
Loss of ground return diagnostics
This diagnostics is available during a squib measurement or a high side driver diagnostics.
This test is based on the voltage drop across the ground return, if the voltage drop exceeds
VSGopen, ground connection is considered as lost. Should the ground connection on the
squib driver circuit be missing, the bit related to the channel under test by the two above
diagnostics will be activated in the LP_GNDLOSS register. The flag is latched after a proper
filter time tSGopen and cleared upon read.
High side safing FET diagnostics
This test has to be issued during the Diag state of the power-up sequence (Figure 9). Safing
FET has to be switched on with the proper code in DSTEST bit field of the SYSDIAGREQ.
Therefore, when the command is received, the device activates VSF regulator to supply the
external safing FET controller. The user can measure the voltage levels of both the VSF
regulator and the SSxy nodes. If the safing FET is properly switched on, the voltage on
SSxy is regulated.
The measurement request is done via Diagnostic Control command (DIAGCTRLx), while
results are reported through ADCRESx bit fields, as shown in Table 11.
Deployment timer diagnostic
This test allows verifying the correct functionality and duration of the timers used to control
the deployment times. This test can be executed only when the IC is in the Diag state by
setting the appropriate code in the DSTEST field of the SYSDIAGREQ register. When the
test is launched, the IC sequentially triggers the activation of the deployment timers of the
various channels (each of them separated by 8ms idle time) and outputs the relevant
waveform to the ARM output discrete pin. See the sequence detail in Figure 27. The MCU
can therefore test the deployment times by measuring the duration of the high pulses sent
by the IC on the ARM pin. The deployment time configuration used during this test is the
latest one programmed in the DCRx registers. In case the test is run on a channel with no
DCRx deployment time previously configured, a default 8us high pulse is output on ARM for
the relevant channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com