Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 119 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 119 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 115Page - STMicroelectronics L9678P Datasheet HTML 116Page - STMicroelectronics L9678P Datasheet HTML 117Page - STMicroelectronics L9678P Datasheet HTML 118Page - STMicroelectronics L9678P Datasheet HTML 119Page - STMicroelectronics L9678P Datasheet HTML 120Page - STMicroelectronics L9678P Datasheet HTML 121Page - STMicroelectronics L9678P Datasheet HTML 122Page - STMicroelectronics L9678P Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 203 page
background image
DocID029274 Rev 3
119/203
L9678P, L9678P-S
Deployment drivers
202
Values of each measurement step can be required addressing the proper ADCREQx code
in the Diagnostic Control command (DIAGCTRL) on Table 11: Diagnostics control register
(DIAGCTRLx) on page 159.
This calculation is tolerant to leakages and, thanks to a dedicated EMI low-pass filter, also to
high frequency noises on squib lines. Moreover, L9678P features a slew rate control on the
ISRC current generator to mitigate emissions.
High squib resistance diagnostics
With this test, the device is able to understand if the squib resistance value is below 200 Ω,
between 500 Ω and 2000 Ω or beyond 5000 Ω. During a high squib resistance diagnostics,
VRCM and ISNK are enabled and connected respectively to SFx and SRx on the selected
channel. VREF voltage level outputs on SFx. Current flowing on SFx is measured and
compared to ISRlow and ISRhigh thresholds to identify if the resistance is above or below
RSRlow or RSRhigh levels. The results are reported in the LPDIAGSTAT register. The relative
flags (HSR_HI and HSR_LO) are not latched and reflect the current status of the
comparators.
High and low side FET diagnostics
This couple of tests can only be run during the diagnostic mode of the power-up sequence
(Figure 9). Tests are performed individually for HS driver or LS driver, with two dedicated
commands. Prior to either the HS or LS FET diagnostics being run, the VRCM has to be first
enabled. Within the command to enable the VRCM, also the channel onto which the FET
test will be run has to be selected with the LEAK_CHSEL bit field. Running the leakage
diagnostics with the appropriate delay time prior to either the HS or LS FET diagnostics will
precondition the squib pin to the appropriate voltage level. When the FET diagnostic
command is issued with the Diagnostic Register SPI command (SYSDIAGREQ), the VRCM
flags will be cleared.
The device monitors the current through the VRCM. If the FET is working properly, this
current will exceed ISTB (HS test) or ISTG (LS test) and the driver under test is turned off
immediately. If the current does not exceed ISTB or ISTG then the test will be terminated and
the output is anyway turned off within TFETTIMEOUT. During TFETTIMEOUT period, the bit
stating that the FET is enabled will be set (FETON=1) and will be cleared as soon as the
FET is switched back off.
For all conditions the current on SFx/SRx will not exceed ILIM_VRCM_X, the VRCM block
current limitation value. There may be higher currents on the squib lines due to the presence
of filter capacitors. During these FET tests, energy available to the squib is limited to less
than EFETtest.
For high side FET diagnostics, if no faults were indicated in the preceding leakage
diagnostics then a normal result would be [STB=1, STG=0]. If the returned result for the
high side FET test is not as the previous then either the FET is not functional, a short to
ground occurred during the test, or there is a missing SSxy connection for that channel.
For low side FET diagnostics if no faults were indicated in the preceding leakage
diagnostics then a normal result would be [STB=0, STG=1]. If the returned result for the low
side FET test is not as the previous one then either the FET is not functional or a short to
battery occurred during the test. In case of SGx loss the low-side FET diagnostic would not
indicate a FETfault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com