Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 115 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 115 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 111Page - STMicroelectronics L9678P Datasheet HTML 112Page - STMicroelectronics L9678P Datasheet HTML 113Page - STMicroelectronics L9678P Datasheet HTML 114Page - STMicroelectronics L9678P Datasheet HTML 115Page - STMicroelectronics L9678P Datasheet HTML 116Page - STMicroelectronics L9678P Datasheet HTML 117Page - STMicroelectronics L9678P Datasheet HTML 118Page - STMicroelectronics L9678P Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 203 page
background image
DocID029274 Rev 3
115/203
L9678P, L9678P-S
Deployment drivers
202
fast comparator detecting the open condition, the driver is able to discharge the FET gate
quickly in order to reduce current overshoot and prevent potential driver damage when the
short to ground occurs.
6.4.5
Intermittent open squib
A dedicated protection is also available in case of intermittent open load during deployment.
In this case, if load is restored after an open circuit, due to slow reaction of the high-side
current regulation loop, the current through the squib is limited only to ILIMSRx by the low
side driver. If this condition lasts for longer than tLIMOS then the high side is turned off for
tHSOFFOS and then reactivated. By this feature, intermittent open squib and short to battery
faults may be distinguished and handled properly by the drivers.
6.5
Diagnostics
The L9678P provides the following diagnostic feedback for all deployment channels:
High voltage leakage test for oxide isolation check on SFx and SRx
Leakage to battery and ground on both SFx and SRx pins with or without a squib
Loop to loop short diagnostics
Squib resistance measurement with leakage cancellation
High squib resistance with range from 500 Ω to 2000 Ω
SSxy, SFx and VER voltage status
High and low side FET diagnostics
High side driver diagnostics
Loss of ground return diagnostics
High side safing FET diagnostics
Deployment Timer diagnostic
The above diagnostic results are processed through a 10 bit Analog to digital algorithmic
converter. These tests can be addressed in two different ways, with a high level approach or
a low-level one. The main difference between the two approaches is that with the low level
approach the user is allowed to precisely control the diagnostic circuitry, also deciding the
proper timings involved in the different tests. On the other hand, the high level approach is
an automatic way of getting diagnostic results for which an internal state machine is taking
care of instructions and timings.
The following is the block diagram of the squib diagnostics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com